Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7665SCBAZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICL7665SCBAZ
Description  CMOS Micropower Over/Under Voltage Detector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7665SCBAZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICL7665SCBAZ Datasheet HTML 1Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 2Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 3Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 4Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 5Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 6Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 7Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 8Page - Renesas Technology Corp ICL7665SCBAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FN3182 Rev 10.00
Page 1 of 15
August 10, 2015
FN3182
Rev 10.00
August 10, 2015
ICL7665S
CMOS Micropower Over/Under Voltage Detector
DATASHEET
The ICL7665S super CMOS micropower Over/Under
voltage detector contains two low power, individually
programmable voltage detectors on a single CMOS chip.
Requiring typically 3
A for operation, the device is intended
for battery-operated systems and instruments which require
high or low voltage warnings, settable trip points, or fault
monitoring and correction. The trip points and hysteresis of
the two voltage detectors are individually programmed via
external resistors. An internal bandgap type reference
provides an accurate threshold voltage while operating from
any supply in the 1.6V to 16V range.
The ICL7665S, super programmable Over/Under voltage
detector is a direct replacement for the industry standard.
The ICL7665B offering wider operating voltage and
temperature ranges, improved threshold accuracy
(ICL7665SA), and temperature coefficient, and guaranteed
maximum supply current. All improvements are highlighted
in the electrical characteristics section. All critical
parameters are guaranteed over the entire commercial
and industrial temperature ranges.
Pinout
ICL7665S
(SOIC, PDIP)
TOP VIEW
Features
• Guaranteed 10µA maximum quiescent current
over-temperature
• Guaranteed wider operating voltage range over entire
operating temperature range
• 2% threshold accuracy (ICL7665SA)
• Dual comparator with precision internal reference
• 100ppm/°C temperature coefficient of threshold voltage
• 100% tested at 2V
• Output current sinking ability . . . . . . . . . . . . . Up to 20mA
• Individually programmable upper and lower trip voltages
and hysteresis levels
• Pb-Free available (RoHS Compliant)
Applications
• Pocket pagers
• Portable instrumentation
• Charging systems
• Memory power back-up
• Battery operated systems
• Portable computers
• Level detectors
OUT 1
HYST 1
SET 1
GND
1
2
3
4
8
7
6
5
V+
OUT 2
SET 2
HYST 2


Similar Part No. - ICL7665SCBAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7665SCBAZ INTERSIL-ICL7665SCBAZ Datasheet
354Kb / 14P
CMOS Micropower Over/Under Voltage Detector
April 5, 2006
ICL7665SCBAZA INTERSIL-ICL7665SCBAZA Datasheet
354Kb / 14P
CMOS Micropower Over/Under Voltage Detector
April 5, 2006
More results

Similar Description - ICL7665SCBAZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33460 ONSEMI-MC33460 Datasheet
256Kb / 12P
Under Voltage Detector Series
November, 1999 ??Rev. 2
logo
Intersil Corporation
ICL7665S INTERSIL-ICL7665S Datasheet
86Kb / 11P
CMOS Micropower Over/Under Voltage Detector
April 1999
logo
National Semiconductor ...
LMS33460 NSC-LMS33460 Datasheet
498Kb / 6P
3V Under Voltage Detector
logo
Intersil Corporation
ICL7665S INTERSIL-ICL7665S_06 Datasheet
354Kb / 14P
CMOS Micropower Over/Under Voltage Detector
April 5, 2006
logo
Microchip Technology
MCP111 MICROCHIP-MCP111_05 Datasheet
379Kb / 26P
Micropower Voltage Detector
2005
MCP111T-195I MICROCHIP-MCP111T-195I Datasheet
295Kb / 26P
Micropower Voltage Detector
04/20/05
logo
Rohm
BD71L4LG-1 ROHM-BD71L4LG-1 Datasheet
665Kb / 17P
CMOS Over Voltage Detector IC
BD71L4LHFV-1 ROHM-BD71L4LHFV-1 Datasheet
665Kb / 17P
CMOS Over Voltage Detector IC
logo
Texas Instruments
LMS33460 TI1-LMS33460_14 Datasheet
723Kb / 13P
3V Under Voltage Detector
logo
Rohm
BD71L4L-1 ROHM-BD71L4L-1 Datasheet
1Mb / 18P
CMOS Over Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com