Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDEB2310L Datasheet(PDF) 4 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # PDEB2310L
Description  20V N-Channel MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

PDEB2310L Datasheet(HTML) 4 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  PDEB2310L Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. PDEB2310L Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. PDEB2310L Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. PDEB2310L Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. PDEB2310L Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd. PDEB2310L Datasheet HTML 6Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Potens semiconductor corp.
Ver.1.08
4
PDEB2310L
V
20V N-Channel MOSFETs
Fig.10 Maximum Safe Operation Area
Fig.11 Switching Time Waveform
Fig.8 Gate Charge Characteristics
Fig.12 Gate Charge Waveform
10
100
1000
0.1
1
10
Ciss
Coss
Crss
0
1
2
3
4
5
0
4
8
12
16
ID=5A
VDS=10V
0.01
0.1
1
10
100
0.1
1
10
TC=25℃
DC
100ms
10ms
100
μs
10
μs
1ms
VGS
10V /
4.5V
Qg
Qgd
Qgs
Gate Charge
Td(on)
Tr
Ton
Td(off)
Tf
Toff
VDS
VGS
90%
10%
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
NOTES:
DUTY FACTOR: D = t1/t2
SINGLE PULSE
0.5
0.2
0.1
0.05
0.02
0.01
VDS , Drain to Source Voltage (V)
Qg , Gate Charge (nC)
Fig.9 Normalized Transient Impedance
Square Wave Pulse Duration (s)
VDS , Drain to Source Voltage (V)
Fig.7 Capacitance Characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com