Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDEB2310L Datasheet(PDF) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # PDEB2310L
Description  20V N-Channel MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

PDEB2310L Datasheet(HTML) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  PDEB2310L Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. PDEB2310L Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. PDEB2310L Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. PDEB2310L Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. PDEB2310L Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd. PDEB2310L Datasheet HTML 6Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Potens semiconductor corp.
Ver.1.08
1
PDEB2310L
V
20V N-Channel MOSFETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-Source Voltage
±10
V
ID
Drain Current
– Continuous (TA=25℃)
9.9
A
Drain Current
– Continuous (TA=70℃)
7.9
A
IDM
Drain Current
– Pulsed1 (Chip Limitation)
39.6
A
PD
Power Dissipation (TA=25℃)
2.01
W
Power Dissipation
– Derate above 25℃
0.016
W/℃
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction to ambient
---
62
℃/W
BVDSS
RDSON
ID
20V
13m
9.9A
These N-Channel enhancement mode power field effect
transistors are using trench DMOS technology. This
advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are
well suited for high efficiency fast switching applications.
 20V,9.9A, RDS(ON) =13m
Ω @VGS = 4.5V
 Improved dv/dt capability
 ESD Protection Diode Embedded
 Green Device Available
General Description
Features
Applications
 MB / VGA / Vcore
 POL Applications
 SMPS 2nd SR
 Li-Battery Protection
Absolute Maximum Ratings Tc=25℃ unless otherwise noted
Thermal Characteristics
DFN2X2-6L Pin Configuration
D
S
G
D
D
D
D
G
S
S
D
S
D
D
D
D
G


Similar Part No. - PDEB2310L

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDEB2210Q POTENS-PDEB2210Q Datasheet
919Kb / 6P
20V N-Channel MOSFETs
Ver.1.00
PDEB2594P POTENS-PDEB2594P Datasheet
779Kb / 5P
20V Dual N-Channel MOSFETs
Ver.1.02
PDEB2594Q POTENS-PDEB2594Q Datasheet
605Kb / 6P
20V Dual N-Channel MOSFETs
Ver.1.00
PDEB25A6N POTENS-PDEB25A6N Datasheet
609Kb / 6P
20V Dual N-Channel MOSFETs
Ver.1.01
PDEB25A6Q POTENS-PDEB25A6Q Datasheet
608Kb / 6P
20V Dual N-Channel MOSFETs
Ver.1.02
More results

Similar Description - PDEB2310L

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC742314 E-CMOS-EC742314 Datasheet
173Kb / 5P
20V N-Channel MOSFETs
EC772320W E-CMOS-EC772320W Datasheet
178Kb / 4P
20V N-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK2320U FS-FTK2320U Datasheet
1Mb / 5P
20V N-Channel MOSFETs
FTK2320X FS-FTK2320X Datasheet
798Kb / 5P
20V N-Channel MOSFETs
FTK2216DFN22NN FS-FTK2216DFN22NN Datasheet
981Kb / 5P
20V Dual N-Channel MOSFETs
FTK2604DFN33 FS-FTK2604DFN33 Datasheet
765Kb / 5P
20V N-Channel MOSFETs
FTK2516DFN23 FS-FTK2516DFN23 Datasheet
882Kb / 6P
20V Dual N-Channel MOSFETs
FTK2306DFN33 FS-FTK2306DFN33 Datasheet
777Kb / 5P
20V N-Channel MOSFETs
FTK2314S FS-FTK2314S Datasheet
987Kb / 5P
20V N-Channel MOSFETs
FTK2004 FS-FTK2004 Datasheet
653Kb / 4P
20V N-Channel MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com