Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDEB2310L Datasheet(PDF) 3 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # PDEB2310L
Description  20V N-Channel MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

PDEB2310L Datasheet(HTML) 3 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  PDEB2310L Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. PDEB2310L Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. PDEB2310L Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. PDEB2310L Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. PDEB2310L Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd. PDEB2310L Datasheet HTML 6Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Potens semiconductor corp.
Ver.1.08
3
PDEB2310L
V
20V N-Channel MOSFETs
0
6
12
18
24
30
0
1
2
3
4
5
VGS=1.2V
VGS=1.5V
VGS=1.8V
VGS=2.5V
VGS=4.5V
0
2
4
6
8
10
25
50
75
100
125
150
0
6
12
18
24
30
0
1
2
3
4
5
Tc=25℃
ID=5A
8
10
12
14
16
18
2
3
4
5
6
7
Tc=25℃
VGS=1.8V
VGS=2.5V
VGS=4.5V
Fig.1 Typical Output Characteristics
TC , Case Temperature (℃)
Fig.2 Continuous Drain Current vs. TC
TJ , Junction Temperature (℃)
Fig.3 Normalized RDSON vs. TJ
TJ , Junction Temperature (℃)
Fig.4 Normalized Vth vs. TJ
Fig.5 Turn-On Resistance vs. VGS
Fig.6 Turn-On Resistance vs. ID
VDS ,Drain to Source Voltage (V)
VGS , Gate to Source Voltage (V)
ID , Drain Current (A)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com