Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6997D Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6997D
Description  STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6997D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6997D Datasheet HTML 5Page - STMicroelectronics L6997D Datasheet HTML 6Page - STMicroelectronics L6997D Datasheet HTML 7Page - STMicroelectronics L6997D Datasheet HTML 8Page - STMicroelectronics L6997D Datasheet HTML 9Page - STMicroelectronics L6997D Datasheet HTML 10Page - STMicroelectronics L6997D Datasheet HTML 11Page - STMicroelectronics L6997D Datasheet HTML 12Page - STMicroelectronics L6997D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9/23
L6997
ductor value is, the smaller the threshold is. On the other hand, the bigger the inductor value is, the slower the
transient response is. In PFM mode the frequency changes, with the output current changing, more than in
PWM mode; in fact if the output current increase, the output voltage decreases more quickly; so the successive
turn-on arrives before, increasing the switching frequency. The PFM waveforms may appear more noisy and
asynchronous than normal operation, but this is normal behaviour mainly due to the very low load. If the PFM
is not compatible with the application it can be disabled connecting to VCC the NOSKIP pin.
1.4 Softstart
If the supply voltages are already applied, the SHDN pin gives the start-up. The system starts with the high side
MOSFET and the low side MOSFET off (high impedance mode). After the SHDN pin is turned on the SS pin
voltage begins to increase and the system starts to switch. The softstart is realized by gradually increasing the
current limit threshold to avoid output overvoltage. The active soft start range for the VSS voltage (where the
output current limit increase linearly) starts from 0.6V to 1V. In this range an internal current source (5
µA Typ)
charges the capacitor on the SS pin; the reference current (for the current limit comparator) forced through ILIM
pin is proportional to SS pin voltage and it saturates at 5
µA (Typ.) when SS voltage is close to 1V and the max-
imum current limit is active. Output protections OVP & UVP are disabled until the SS pin voltage reaches 1V
(see figure 5).
Once the SS pin voltage reaches the 1V value, the voltage on SS pin doesn't impact the system operation any-
more. If the SHDN pin is turned on before the supplies, the correct start-up sequence is the following: first turn-
on the power section and after the logic section (VCC pin).
Figure 5. Soft -Start Diagram
Because the system implements the soft start controlling the inductor current, the soft start capacitor selection
is function of the output capacitance, the current limit and the soft start active range (
∆VSS).
In order to select the softstart capacitor it must be imposed that the output voltage reaches the final value before
the soft start voltage reaches the under voltage value (1V). In other words the output voltage charging time has
to be lower than the uvp time.
The UVP time is given by:
Eq 7
In order to calculate the output volatge chargin time it should be calculated, before, the output volatrge function
versus time. This function can be calculated from the inductor current function; the inductor current function can
Time
Time
0.6V
Maximum current limit
Soft-start active range
5
µA
4.1V
1V
Ilim current
Vss
T
uv p CSS
()
V
uv p
Iss
------------ C
SS
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com