Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6997D Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6997D
Description  STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6997D Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6997D Datasheet HTML 11Page - STMicroelectronics L6997D Datasheet HTML 12Page - STMicroelectronics L6997D Datasheet HTML 13Page - STMicroelectronics L6997D Datasheet HTML 14Page - STMicroelectronics L6997D Datasheet HTML 15Page - STMicroelectronics L6997D Datasheet HTML 16Page - STMicroelectronics L6997D Datasheet HTML 17Page - STMicroelectronics L6997D Datasheet HTML 18Page - STMicroelectronics L6997D Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
15/23
L6997
POWER SECTION
Notes: 1. N.M.=Not Mounted
2. The demoboard with this component list is set to give: VOUT = 1.25V, FSW = 270kHz with an input voltage around VIN = VCC =
3.3V-5V and with the integrator feature.
3. The diode efficiency impact is very low; it is not a necessary component.
4. All capacitors are intended ceramic type otherwise specified.
2.4 EFFICIENCY CURVES
Source mode
VIN = 3.3V VOUT = 1.25V FSW = 270kHz
Figure 12. Efficiency vs output current
INPUT CAPACITORS
C7, C13
47
µF
ECJ4XF0J476Z
PANASONIC
OUTPUT CAPACITORS
C14, C15
220
µF
2R5TPE220M
POSCAP
INDUCTOR
L1
2.7
µH
DO3316P-272HC
COILCRAFT
POWER MOS
Q1,Q2
STS5DNF20V
STMicroelectronics
Double mosfet in sigle package
DIODE
D2
STPS340U
STMicroelectronics
3
0,0
10,0
20,0
30,0
40,0
50,0
60,0
70,0
80,0
90,0
100,0
0,0
1,0
2,0
3,0
4,0
5,0
6,0
Current [A]
Eff [%]
PFM mode
PWM mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com