Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6997D Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6997D
Description  STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6997D Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6997D Datasheet HTML 14Page - STMicroelectronics L6997D Datasheet HTML 15Page - STMicroelectronics L6997D Datasheet HTML 16Page - STMicroelectronics L6997D Datasheet HTML 17Page - STMicroelectronics L6997D Datasheet HTML 18Page - STMicroelectronics L6997D Datasheet HTML 19Page - STMicroelectronics L6997D Datasheet HTML 20Page - STMicroelectronics L6997D Datasheet HTML 21Page - STMicroelectronics L6997D Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
L6997
18/23
Eq 24
α is the temperature coefficient of RDSON (typically, α = 510-3 °C-1 for these low-voltage classes) and T the
admitted temperature rise. It is worth noticing, however, that generally the lower RDSON, the higher is the gate
charge QG, which leads to a higher gate drive consumption. In fact, each switching cycle, a charge QG moves
from the input source to ground, resulting in an equivalent drive current:
Eq 25
The SCHOTTKY diode to be placed in parallel to the synchronous rectifier must have a reverse voltage VRRM
greater than VINMAX; for low current application the SCHOTTKY is not necessary to increase the efficiency. In
order to use less space than possible, a double MOSFET in a single package is chosen: STS5DNF20V
3.5 Output voltage setting
The first step is choosing the output divider to set the output voltage. To select this value there isn't a criteria,
but a low divider network value (around 100
Ω) decries the efficiency at low current; instead a high value divider
network (100K
Ω) increase the noise effects. A network divider values from 1KΩ to 10KΩ is right. We chose:
R3 = 1K
Ω
R2 = 1.1K
Ω
The device output voltage is adjustable by connecting a voltage divider from output to VSENSE pin. Minimum
output voltage is VOUT=VREF=0.6V. Once output divider and frequency divider have been designed as to obtain
the required output voltage and switching frequency, the following equation gives the smallest input voltage,
which allows L6997 to regulate (which corresponds to TOFF=TOFFMIN):
Eq 26
3.6 Voltage Feedforward
From the equations 1,2 3 choosing the switching frequency around 270kHz it can be selected the input divider.
For example:
R3 = 470K
Ω
R4 = 8.5K
Ω
3.7 Current limit resistor
From the equation 8 it can be set the valley current limit considering the STS5DNF20V Ultra logic Level Mosfet
with a current around 5A:
R8 = 120K
Ω
3.8 Integrator capacitor
Let it be FU = 15kHz, VOUT = 1.25V.
Since VREF = 0.6V, from equation 2, of the device description, it follows
αOUT = 0.348 and, from equation 5 it
follows C = 250pF. The output ripple is around 22mV, so the system doesn't need the second integrator capac-
itor.
RDS
ON
P
ON
Io ut
2
1
α
T
∆
⋅
+
()
⋅
-------------------------------------------------
=
Iq
Qg F
SW
⋅
=
δ 1
α
OS C
α
OUT
---------------
1
K
OSC
T
OF F,M IN
--------------------------



MAX
----------------------------------------------
⋅
–
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com