Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMBT2907AM-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # AMMBT2907AM-HF
Description  Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

AMMBT2907AM-HF Datasheet(HTML) 3 Page - Comchip Technology

  AMMBT2907AM-HF Datasheet HTML 1Page - Comchip Technology AMMBT2907AM-HF Datasheet HTML 2Page - Comchip Technology AMMBT2907AM-HF Datasheet HTML 3Page - Comchip Technology AMMBT2907AM-HF Datasheet HTML 4Page - Comchip Technology AMMBT2907AM-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Comchip Technology CO., LTD.
Page 3
Rating and Characteristic Curves (AMMBT2907AM-HF)
1000
0.5
Collector Current, -IC (A)
10
100
1
Fig.2 - VCE(sat) vs. IC
0.1
0.2
0.0001
0
100
0.001
300
1
Fig.1 - hFE vs. IC
200
400
500
Fig.4 - VBE(ON) vs. IC
0
0.6
1
0.8
-VBE(ON), (V)
1
100
10
0.2
0.4
Fig.3 - VBE(sat) vs. IC
1
10
0.8
0
0.4
1.2
REV:A
0
0.4
0.3
Collector Current, -IC (mA)
Collector Current, -IC (mA)
100
1000
0.1
Transistor
AQW-JTR44
0.1
0.01
VCE= -10V
25°C
125°C
150°C
-55°C
IC/IB=10
TA=125°C
TA=25°C
TA=-55°C
TA=150°C
IC/IB=10
TA=125°C
TA=25°C
TA=-55°C
TA=150°C
VCE= -10V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com