Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMBT2907AM-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # AMMBT2907AM-HF
Description  Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

AMMBT2907AM-HF Datasheet(HTML) 2 Page - Comchip Technology

  AMMBT2907AM-HF Datasheet HTML 1Page - Comchip Technology AMMBT2907AM-HF Datasheet HTML 2Page - Comchip Technology AMMBT2907AM-HF Datasheet HTML 3Page - Comchip Technology AMMBT2907AM-HF Datasheet HTML 4Page - Comchip Technology AMMBT2907AM-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Comchip Technology CO., LTD.
Page 2
Symbol
Parameter
Conditions
Min
Max
Unit
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cut-off current
Collector cut-off current
DC current gain
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICEX
ICBO
IBL
hFE(1)
hFE(2)
V
V
V
nA
nA
nA
hFE(3)
hFE(4)
hFE(5)
Transition frequency
fT
MHZ
Delay time
Storage time
Rise time
Fall time
td
tr
ts
tf
ns
ns
ns
ns
Base-emitter saturation voltage
Collector-emitter saturation voltage
VCE(sat)
VBE(sat)
V
V
Collector output capacitance
Input capacitance
COBO
CIBO
pF
pF
Typ
REV:A
Transistor
AQW-JTR44
Base cut-off current
-60
-60
-5
-10
-50
-50
300
100
100
100
75
50
-1.6
-0.4
-2.6
-1.3
200
6.5
8
10
40
225
60
IC = -10µA, IE = 0
IC = -10mA, IB = 0
IE = -10µA, IC = 0
VCB = -50V, IE = 0
VCE = -30V, VEB(OFF) = -0.5V
VCE = -30V, VEB(OFF) = -0.5V
VCE = -10V, IC = -0.1mA
VCE = -10V, IC = -1mA
VCE = -10V, IC = -10mA
VCE = -10V, IC = -150mA
VCE = -10V, IC = -500mA
IC = -500mA, IB = -50mA
IC = -150mA, IB = -15mA
IC = -500mA, IB = -50mA
IC = -150mA, IB = -15mA
IC = -50mA, VCE = -20V, f = 100MHz
VCB = -10V, IE = 0, f = 1MHz
VEB = -2V, IC = 0, f = 1MHz
VCC = -30V, IC = -150mA,
IB1 = -15mA
VCC = -6V, IC = -150mA,
IB1 = IB2 = -15mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com