Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMBT2907AM-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # AMMBT2907AM-HF
Description  Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

AMMBT2907AM-HF Datasheet(HTML) 1 Page - Comchip Technology

  AMMBT2907AM-HF Datasheet HTML 1Page - Comchip Technology AMMBT2907AM-HF Datasheet HTML 2Page - Comchip Technology AMMBT2907AM-HF Datasheet HTML 3Page - Comchip Technology AMMBT2907AM-HF Datasheet HTML 4Page - Comchip Technology AMMBT2907AM-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AMMBT2907AM-HF (PNP)
RoHS Device
Transistor
Comchip Technology CO., LTD.
Halogen Free
REV:A
Page 1
AQW-JTR44
Dimensions in inches and (millimeter)
SOT-723
0.035(0.90)
0.028(0.70)
0.021(0.54)
0.016(0.40)
0.035(0.90)
0.028(0.70)
0.017(0.42)
0.009(0.22)
0.051(1.30)
0.043(1.10)
0.013(0.32)
0.005(0.12)
0.051(1.30)
0.043(1.10)
1
2
3
0.006(0.15)
0.003(0.08)
0.012(0.30)
0.004(0.10)
Features
- Ultra-small surface mount package.
- AEC-Q101 Qualified.
Mechanical data
- Case: SOT-723, molded plastic.
- Mounting position: Any.
- Terminals: Tin-plated, solderability per
MIL-STD-202, method 208.
- Molding compound: UL flammability classification
rating 94V-0.
Circuit Diagram
3
1. Base
2. Emitter
3. Collector
1
2
Maximum Ratings (at Ta=25°C unless otherwise noted)
Parameter
Value
Unit
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector current-continuous
Power dissipation @TA = 25°C (Note 1)
VCBO
VCEO
VEBO
IC
PD
V
V
V
A
mW
Symbol
Operating junction temperature range
TJ
°C
Storage temperature range
TSTG
°C
Thermal resistance junction to ambient (Note 1)
RθJA
°C/W
Note: 1. FR-5 = 1.0 x 0.75 x 0.062 in.
-60
-60
-5
-0.6
265
417
-55 to +150
-55 to +150


Similar Part No. - AMMBT2907AM-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
AMMBT2907A-HF COMCHIP-AMMBT2907A-HF Datasheet
540Kb / 5P
General Purpose Transistor
REV:A
More results

Similar Description - AMMBT2907AM-HF

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7214 NTE-NTE7214 Datasheet
159Kb / 1P
TRANSISTOR TRANSISTOR LOGIC
NTE74LS76A NTE-NTE74LS76A Datasheet
104Kb / 1P
Transistor transistor logic
logo
First Components Intern...
FMBTA06 FCI-FMBTA06 Datasheet
79Kb / 2P
Silicon Transistor Amplifier Transistor
logo
AiT Semiconductor Inc.
MBD1505 AITSEMI-MBD1505 Datasheet
889Kb / 5P
TRANSISTOR SWITCHING TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com