Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6102HVCMS8 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC6102HVCMS8
Description  Precision Zero Drift Current Sense Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6102HVCMS8 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC6102HVCMS8 Datasheet HTML 9Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 10Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 11Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 12Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 13Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 14Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 15Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 16Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTC6102
LTC6102-1/LTC6102HV
13
6102fe
For more information www.linear.com/LTC6102
Dynamic Range vs Maximum
Power Dissipation in RSENSE
applicaTions inForMaTion
a significant load on the power supply and create thermal
designheadaches.Inaddition,heatinginthesenseresistor
can reduce its accuracy and reliability.
In contrast, the large dynamic range of the LTC6102 allows
the use of a much smaller sense resistor. The LTC6102
allows the minimum sense voltage to be reduced to less
than 10µV. The peak sense voltage would then be 10mV,
dissipating only 1W at 100A in a 100µΩ sense resistor!
With a specialized sense resistor, the same system would
allowpeakcurrentsofmorethan1000Awithoutexceeding
the input range of the LTC6102 or damaging the shunt.
Figure 2. Kelvin Input Connection Preserves Accuracy
with Large Load Current and Large Output Current
LTC6102
ROUT
VOUT
6102 F02
RIN–
V+
LOAD
RSENSE
RIN+
V+
–INF
V–
OUT
VREG
0.1µF
TIE AS CLOSE TO RIN AS POSSIBLE
–INS
+IN
LOAD
V+
V–
OUTPUT
RSENSE*
ROUT
LTC6102
RIN–
RIN+
CREG
*VISHAY VCS1625 SERIES
WITH 4 PAD KELVIN CONNECTION
V–
high-current paths, this error can be reduced by orders of
magnitude. A sense resistor with integrated Kelvin sense
terminals will give the best results. Figure 2 illustrates the
recommendedmethod.NotethattheLTC6102hasaKelvin
input structure such that current flows into –INF. The –INS
and –INF pins should be tied as close as possible to RIN.
This reduces the parasitic series resistance so that RIN
may be as low as 1Ω, allowing high gain settings to be
used with very little gain error.
Sense Resistor Connection
Kelvin connection of +IN and –INS to the sense resistor
should be used in all but the lowest power applications.
Solder connections and PC board interconnections that
carry high current can cause significant error in measure-
ment due to their relatively large resistances. One 10mm
× 10mm square trace of one-ounce copper is approxi-
mately 0.5mΩ. A 1mV error can be caused by as little
as 2A flowing through this small interconnect. This will
cause a 1% error in a 100mV signal. A 10A load current
in the same interconnect will cause a 5% error for the
same 100mV signal. An additional error is caused by the
change in copper resistance over temperature, which is in
excess of 0.4%/°C. By isolating the sense traces from the
Selection of External Input Resistor, RIN
The external input resistor, RIN, controls the transconduc-
tance of the current sense circuit, IOUT = VSENSE/RIN. For
example, if RIN = 100, then IOUT = VSENSE/100 or IOUT =
1mA for VSENSE = 100mV.
RIN should be chosen to provide the required resolution
while limiting the output current. At low supply voltage,
IOUT may be as much as 1mA. By setting RIN such that
MAXIMUM POWER DISSIPATION (W)
110
100
90
80
70
60
50
40
30
20
6102 AI01
0.001
0.01
0.1
1
10
100
MAX ISENSE = 1A
MAX ISENSE = 10A
MAX ISENSE = 100A
DYNAMIC RANGE RELATIVE
TO 10µV, MINIMUM VSENSE
RSENSE = 10m
RSENSE = 100m
100dB: MAX
VSENSE = 1V
40dB: MAX
VSENSE = 1mV
RSENSE = 10µ
RSENSE = 100µ
RSENSE = 1
RSENSE = 1m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com