Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6102HVCMS8 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC6102HVCMS8
Description  Precision Zero Drift Current Sense Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6102HVCMS8 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC6102HVCMS8 Datasheet HTML 17Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 18Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 19Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 20Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 21Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 22Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 23Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 24Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LTC6102
LTC6102-1/LTC6102HV
21
6102fe
For more information www.linear.com/LTC6102
Bidirectional Current Sense Circuit with Separate Charge/Discharge Output
LTC6102 Monitors Its Own Supply Current
Typical applicaTions
CHARGER
–
+
– +
+
–
+
–
L
O
A
D
VOUT D = IDISCHARGE • RSENSE
( )WHENI
DISCHARGE ≥ 0
DISCHARGING:
ROUT D
RIN D
VOUT C = ICHARGE • RSENSE
( )WHENI
CHARGE ≥ 0
CHARGING:
ROUT C
RIN C
6102 TA02
VBATT
RIN D
100
LTC6102
RIN C
100
RIN D
100
LTC6102
VOUT C
ROUT C
4.99k
ROUT D
4.99k
VOUT D
RIN C
100
ICHARGE
RSENSE
IDISCHARGE
V+
V–
OUT
–INS
+IN
V+
V–
OUT
–INS
+IN
–INF
–INF
VREG
0.1µF
VREG
0.1µF
L
O
A
D
–
+
6102 TA03
R2
4.99k
VOUT
R1
100
VBATT
RSENSE
LTC6102
+
–
VOUT = 49.9 • RSENSE (ILOAD + ISUPPLY)
ILOAD
ISUPPLY
V+
V–
OUT
–INS
+IN
–INF
VREG
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com