Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6102HVCMS8 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC6102HVCMS8
Description  Precision Zero Drift Current Sense Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6102HVCMS8 Datasheet(HTML) 2 Page - Analog Devices

  LTC6102HVCMS8 Datasheet HTML 1Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 2Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 3Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 4Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 5Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 6Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 7Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 8Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LTC6102
LTC6102-1/LTC6102HV
2
6102fe
For more information www.linear.com/LTC6102
absoluTe MaxiMuM raTings
Total Supply Voltage (V+ to V–):
LTC6102/LTC6102-1 .............................................70V
LTC6102HV.........................................................105V
Input Voltage Range
–INF, –INS ................................ (V+ – 4V to V+ + 0.3V)
+IN............................................ (V+ – 20V to V+ + 1V)
EN............................................ (V– – 0.3V to V– + 9V)
Differential (–INS – +IN), 1 Second ......................60V
Output Voltage Range
LTC6102/LTC6102HV ............... (V– – 0.3V to V– + 9V)
LTC6102-1 ............................. (V– – 0.3V to V– + 15V)
Input Current
–INF, –INS ........................................................±10mA
+IN...................................................................–10mA
EN....................................................................±10mA
(Note 1)
Output Current .......................................(–1mA, +10mA)
Output Short Circuit Duration........................... Indefinite
Operating Temperature Range: (Note 2)
LTC6102C/LTC6102C-1/LTC6102HVC .. –40°C to 85°C
LTC6102I/LTC6102I-1/LTC6102HVI...... –40°C to 85°C
LTC6102H/LTC6102H-1
LTC6102HVH...................................... –40°C to 125°C
Specified Temperature Range: (Note 2)
LTC6102C/LTC6102C-1/LTC6102HVC ...... 0°C to 70°C
LTC6102I/LTC6102I-1/LTC6102HVI...... –40°C to 85°C
LTC6102H/LTC6102H-1
LTC6102HVH...................................... –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
9
3
2
1
–INS
–INF
V–/EN*
OUT
+IN
V+
VREG
V–
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 9) IS V–, MUST BE SOLDERED TO PCB
*V– FOR THE LTC6102/LTC6102HV, EN FOR THE LTC6102-1
1
2
3
4
–INS
–INF
V–/EN*
OUT
8
7
6
5
+IN
V+
VREG
V–
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 200°C/W
*V– FOR THE LTC6102/LTC6102HV, EN FOR THE LTC6102-1
pin conFiguraTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6102CDD#PBF
LTC6102CDD#TRPBF
LCKH
8-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LTC6102IDD#PBF
LTC6102IDD#TRPBF
LCKH
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC6102HDD#PBF
LTC6102HDD#TRPBF
LCKH
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LTC6102CDD-1#PBF
LTC6102CDD-1#TRPBF
LDYB
8-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LTC6102IDD-1#PBF
LTC6102IDD-1#TRPBF
LDYB
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC6102HDD-1#PBF
LTC6102HDD-1#TRPBF
LDYB
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LTC6102HVCDD#PBF
LTC6102HVCDD#TRPBF
LCVC
8-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LTC6102HVIDD#PBF
LTC6102HVIDD#TRPBF
LCVC
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC6102HVHDD#PBF
LTC6102HVHDD#TRPBF
LCVC
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LTC6102CMS8#PBF
LTC6102CMS8#TRPBF
LTCKJ
8-Lead Plastic MSOP
0°C to 70°C
LTC6102IMS8#PBF
LTC6102IMS8#TRPBF
LTCKJ
8-Lead Plastic MSOP
–40°C to 85°C
orDer inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com