Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7900 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L7900
Description  NEGATIVE VOLTAGE REGULATORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7900 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L7900 Datasheet HTML 4Page - STMicroelectronics L7900 Datasheet HTML 5Page - STMicroelectronics L7900 Datasheet HTML 6Page - STMicroelectronics L7900 Datasheet HTML 7Page - STMicroelectronics L7900 Datasheet HTML 8Page - STMicroelectronics L7900 Datasheet HTML 9Page - STMicroelectronics L7900 Datasheet HTML 10Page - STMicroelectronics L7900 Datasheet HTML 11Page - STMicroelectronics L7900 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Figure 1 : Fixed Output Regulator.
Figure 2 : Split Power Supply (
± 15V/1A).
Notes :
1. To specify an output voltage, substitute voltage value for ”XX”.
2. Required for stability. For value given, capacitor must be solid
tantalum. If aluminium electrolitics are used, at least ten times
value should be selected. C1 is required if regulator is located an
appreciable distance from power supply filter.
3. To improve transient response. If large capacitors are used, a
high current diode from input to output (1N4001 or similar) should
be introduced to protect the device from momentary input short
circuit.
Against potential latch-up problems.
APPLICATION INFORMATION
Figure 3 : Circuit for Increasing Output Voltage.
Figure 4 : High Current Negative Regulator
(– 5V/4A with 5A current limiting).
C3 Optional for improved transient response and ripple rejection.
Figure 5 : Typical ECL System Power Supply
(– 5.2V/4A).
Optional dropping resistor to reduce the power dissipated in the
boost transistor.
VO = V XX
R 1
+ R 2
R 2
V XX
R 2
> 3I d
L7900
8/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com