Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7900 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L7900
Description  NEGATIVE VOLTAGE REGULATORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7900 Datasheet(HTML) 2 Page - STMicroelectronics

  L7900 Datasheet HTML 1Page - STMicroelectronics L7900 Datasheet HTML 2Page - STMicroelectronics L7900 Datasheet HTML 3Page - STMicroelectronics L7900 Datasheet HTML 4Page - STMicroelectronics L7900 Datasheet HTML 5Page - STMicroelectronics L7900 Datasheet HTML 6Page - STMicroelectronics L7900 Datasheet HTML 7Page - STMicroelectronics L7900 Datasheet HTML 8Page - STMicroelectronics L7900 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CONNECTION DIAGRAM AND ORDERING NUMBERS (top view)
TO-220 & ISOWATT 220
TO-3
D
2PAK
THERMAL DATA
Symbol
Parameter
D
2PAK
TO-220
ISOWATT220
TO-3
Unit
Rthj-ca se
Rthj-amb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
3
62. 5
3
50
4
60
4
35
oC/W
oC/W
Type
TO-220
D
2PAK (*)
ISOWATT220
TO-3
Output Voltage
L7905C
L7952C
L7906C
L7908C
L7912C
L7915C
L7918C
L7920C
L7922C
L7924C
L7905CV
L7952CV
L7906CV
L7908CV
L7912CV
L7915CV
L7918CV
L7920CV
L7922CV
L7924CV
L7905CD2T
L7952CD2T
L7906CD2T
L7908CD2T
L7912CD2T
L7915CD2T
L7918CD2T
L7920CD2T
L7922CD2T
L7924CD2T
L7905CP
L7906CP
L7908CP
L7912CP
L7915CP
L7918CP
L7920CP
L7924CP
L7905CT
L7952CT
L7906CT
L7908CT
L7912CT
L7915CT
L7918CT
L7920CT
L7922CT
L7924CT
-5V
-5.2V
-6V
-8V
-12V
-15V
-18V
-20V
-22V
-24V
(*) AVAILABLE IN TAPE AND REEL WITH ”-TR” SUFFIX
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vi
DC Input Voltage (for VO = 5 to 18V)
(for VO = 20, 24V)
-35
-40
V
V
Io
Output Current
I nternally limited
Ptot
Power Dissipation
I nternally limited
Top
Operating Junction Temperature Range
0 to 150
o C
Tstg
Storage Temperature Range
- 65 to 150
o C
APPLICATION CIRCUIT
L7900
2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com