Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7900 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L7900
Description  NEGATIVE VOLTAGE REGULATORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7900 Datasheet(HTML) 1 Page - STMicroelectronics

  L7900 Datasheet HTML 1Page - STMicroelectronics L7900 Datasheet HTML 2Page - STMicroelectronics L7900 Datasheet HTML 3Page - STMicroelectronics L7900 Datasheet HTML 4Page - STMicroelectronics L7900 Datasheet HTML 5Page - STMicroelectronics L7900 Datasheet HTML 6Page - STMicroelectronics L7900 Datasheet HTML 7Page - STMicroelectronics L7900 Datasheet HTML 8Page - STMicroelectronics L7900 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
L7900
SERIES
NEGATIVE VOLTAGE REGULATORS
®
November 1999
s
OUTPUT CURRENT UP TO 1.5 A
s
OUTPUT VOLTAGES OF -5; -5.2; -6; -8; -9;
-12; -15; -18; -20; -22; -24V
s
THERMAL OVERLOAD PROTECTION
s
SHORT CIRCUIT PROTECTION
s
OUTPUT TRANSITION SOA PROTECTION
DESCRIPTION
The L7900 series of three-terminal negative
regulators is available in TO-220, ISOWATT220
TO-3 and D
2PAK packages and several fixed
output voltages, making it useful in a wide range
of applications.These regulators can provide local
on-card regulation, eliminating the distribution
problems associated with single point regulation;
furthermore, having the same voltage option as
the L7800 positive standard series, they are
particularly suited for split power supplies. In
addition, the -5.2V is also available for ECL
system.
If adequate heat sinking is provided,
they can deliver over 1.5A output current.
Although designed primarily as fixed voltage
regulators, these devices can be used with
external
components
to
obtain
adjustable
voltages and currents.
1
2
TO-3
TO-220
ISOWATT220
1
2
3
1
3
D
2PAK
SCHEMATIC DIAGRAM
1/13


Similar Part No. - L7900

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7900AC STMICROELECTRONICS-L7900AC Datasheet
93Kb / 11P
2% NEGATIVE VOLTAGE REGULATORS
Nov-1999
L7900AC STMICROELECTRONICS-L7900AC Datasheet
352Kb / 13P
2% NEGATIVE VOLTAGE REGULATORS
22-Jun-2004
L7900AC STMICROELECTRONICS-L7900AC_07 Datasheet
352Kb / 13P
2% NEGATIVE VOLTAGE REGULATORS
22-Jun-2004
L7900 STMICROELECTRONICS-L7900_07 Datasheet
379Kb / 24P
Negative voltage regulators
19-Jan-2007
More results

Similar Description - L7900

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
Negative-Voltage Regulators
logo
Texas Instruments
MC79L00 TI-MC79L00_08 Datasheet
324Kb / 13P
NEGATIVE-VOLTAGE REGULATORS
logo
Torex Semiconductor
XC62K TOREX-XC62K_1 Datasheet
1Mb / 17P
Negative Voltage Regulators
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
Negative voltage regulators
05-Dec-2007
L7905C STMICROELECTRONICS-L7905C_08 Datasheet
402Kb / 21P
Negative voltage regulators
15-Jul-2008
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
Negative voltage regulators
15-May-2012
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
Negative voltage regulators
29-Jul-2009
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
NEGATIVE-VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com