Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263AT/A Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF85263AT/A
Description  Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263AT/A Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF85263AT/A Datasheet HTML 20Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 21Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 22Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 23Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 24Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 25Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 26Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 27Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 102 page
background image
NXP Semiconductors
PCF85263A
Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus
Bit
Symbol
Value
Description
Tens of hour alarm1 enable
0 [1]
Disabled
2
HR_XX_XX_00_A1E
1
Enabled
Minute alarm1 enable
0 [1]
Disabled
1
MIN_A1E
1
Enabled
Second alarm1 enable
0 [1]
Disabled
0
SEC_A1E
1
Enabled
Table 15. Alarm_enables- alarm enable control register (address 10h) bit description...continued
[1]
Default value.
7.4.2.3 Alarm1 and alarm2 function in stop-watch mode
The registers at addresses 08h through 0Ch contain alarm1 information. When one or more of these
registers is loaded with second, minute, and hours, and its corresponding alarm enable bit (SEC_A1E to
HR_00_XX_XX_A1E) is set logic 1, then that information is compared with the current second, minute, and
hours.
The registers at addresses 0Dh through 0Fh contain alarm2 information. When one or more of these registers
is loaded with minutes and hours, and its corresponding alarm enable bit (MIN_A2E to HR_00_XX_A2E) is set
logic 1, then that information is compared with the current minute and hours.
Alarm registers having their alarm enable bit at logic 0 are ignored.
When the time increments to match the enabled alarms, the alarm flag in the flags register (Section 7.14) is set.
A1F for alarm1 and A2F for alarm2. The alarm flag is cleared by command.
When the time increments to match the enabled alarms, an interrupt can be generated. For details, see
Section 7.4.3.
PCF85263A
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.4 — 12 December 2025
Document feedback
24 / 102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com