Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263AT/A Datasheet(PDF) 43 Page - NXP Semiconductors

Part # PCF85263AT/A
Description  Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263AT/A Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button PCF85263AT/A Datasheet HTML 39Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 40Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 41Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 42Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 43Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 44Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 45Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 46Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 102 page
background image
NXP Semiconductors
PCF85263A
Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus
Associated with the battery switch-over is the battery switch flag (BSF) in the flags register (for details, see
Section 7.14). Whenever the IC switches to battery operation, the flag is set. The flag can only be read when
operating from VDD power. However, an interrupt pulse or static LOW signal can be generated whenever
switching to a battery. An interrupt pulse can also be generated when switching back to VDD power. Examples
are given in Figure 25 and Figure 26.
When switched to battery, the VDD power domain is disabled. This condition means that I2C pins are ignored
and CLK output is disabled. Also, Hi-Z, TS pin output mode is disabled and Hi-Z, TS digital input is ignored and
may be left floating. TS pin mechanical switch detector is active. INTA output is still active for interrupt output
and battery switch indication, but disabled for clock output.
IO pin (mode)
VDD operation
VBAT operation
SCL
Active input
Disabled; may be left floating
SDA
Active input/output
Disabled; may be left floating
CLK
Active output
Disabled; Hi-Z
TS (output mode)
Active output
Disabled; Hi-Z
TS (digital input)
Active input
Disabled; may be left floating
TS (mechanical switch input)
Active input
Active input
INTA
Active output
Active interrupt output
Table 35. IO pin behavior in battery mode
Bit
7
6
5
4
3
2
1
0
Symbol
-
-
-
BSOFF
BSRR
BSM[1:0]
BSTH
Section
-
-
-
Section 7.11.1
Section 7.11.2
Section 7.11.3
Section 7.11.4
Table 36. Battery_switch - battery switch control (address 26h) bit description
7.11.1 BSOFF: Battery switch on/off control
Bit
Symbol
Value
Description
Battery switch on/off
0 [1]
Enable battery switch feature
4
BSOFF
1
Disable battery switch feature
Table 37. BSOFF bit - battery switch control (address 26h) bit description
[1]
Default value.
The battery switch circuit can be disabled when not used. This operation disables the circuit and saves power
consumption. When disabled, connect VBAT and VDD together.
7.11.2 BSRR: Battery switch internal refresh rate
Bit
Symbol
Value
Description
Battery switch refresh rate
3
BSRR
0 [1]
Low
Table 38. BSRR bit - battery switch control (address 26h) bit description
PCF85263A
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.4 — 12 December 2025
Document feedback
43 / 102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com