Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263AT/A Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF85263AT/A
Description  Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263AT/A Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF85263AT/A Datasheet HTML 23Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 24Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 25Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 26Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 27Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 28Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 29Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 30Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 102 page
background image
NXP Semiconductors
PCF85263A
Tiny RTC/Calendar with Alarm Function, Battery Switch-Over, Time Stamp Input, and I2C-bus
The Watchdog counts down from a software-loaded 5-bit binary value, WDR[4:0], in register Watchdog. Loading
the counter with 0 stops the Watchdog. Loading the counter with a non-0 value starts the counter. Values from 1
to 31 are allowed.
aaa-009584
03
02
01
03
02
01
03
02
01
03
WDR counts
WDR counts
03
00
countdown value, WDR
Watchdog clock
counter
WDF
INTA or INTB
duration of first Watchdog period after start
may range from WDR to WDR -1 counts
00
In this example, it is assumed that the Watchdog flag (WDF) is cleared before the next Watchdog period expires and that
the interrupt output is set to pulsed mode.
Figure 15. Watchdog repeat mode
If a new value of WDR[4:0] is written before the end of the current Watchdog period, then this value takes
immediate effect.
When starting the timer for the first time or when reloading WDR[4:0] before the end of the current period, the
first period has an uncertainty of maximum one count. The uncertainty is a result of loading the WDR[4:0] from
the interface clock, which is asynchronous from the Watchdog source clock. Subsequent Watchdog periods do
not have such variation.
Reading the Watchdog register returns the current value of the Watchdog counter (for details, see Figure 15)
and
not the initial value WDR[4:0]. Since it is not possible to freeze the Watchdog counter during read back, it is
recommended to read the register twice and check for consistent results.
7.5.1.1 Watchdog repeat mode
In repeat mode, at the end of every Watchdog period, the Watchdog flag (bit WDF in the flags register,
Section 7.14) is set and the counter automatically reloads and starts the next Watchdog period. An example is
given in Figure 15. The asserted bit WDF can be used to generate an interrupt. Only a command can clear Bit
WDF.
7.5.1.2 Watchdog single shot mode
In single shot mode, at the end of the countdown period, the Watchdog flag (bit WDF in the flags register,
Section 7.14) is set and the counter stops with the value 0. The Watchdog register must be reloaded to start
another Watchdog period.
PCF85263A
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.4 — 12 December 2025
Document feedback
27 / 102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com