Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L78S09C Datasheet(PDF) 14 Page - STMicroelectronics

Part # L78S09C
Description  2A POSITIVE VOLTAGE REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S09C Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L78S09C Datasheet HTML 10Page - STMicroelectronics L78S09C Datasheet HTML 11Page - STMicroelectronics L78S09C Datasheet HTML 12Page - STMicroelectronics L78S09C Datasheet HTML 13Page - STMicroelectronics L78S09C Datasheet HTML 14Page - STMicroelectronics L78S09C Datasheet HTML 15Page - STMicroelectronics L78S09C Datasheet HTML 16Page - STMicroelectronics L78S09C Datasheet HTML 17Page - STMicroelectronics L78S09C Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Figure 12 : Quiescent Current vs. Input Voltage.
Figure 13 : Fixed Output Regulator.
Figure 14 : Constant Current Regulator.
Figure 10 : Load Transient Response.
Figure 11 : Line Transient Response.
Notes : 1.
To specify an output voltage, substitute voltage
value for ” XX”.
2.
Although no output capacitor is needed for sta-
bili ty, it does improve transient response.
3.
Required if regulator is located an appreciable
dis-tance from power supply filter.
VXX
IO =+ Id
R1
L78S00 SERIES
14/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com