Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L78S09C Datasheet(PDF) 19 Page - STMicroelectronics

Part # L78S09C
Description  2A POSITIVE VOLTAGE REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S09C Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L78S09C Datasheet HTML 13Page - STMicroelectronics L78S09C Datasheet HTML 14Page - STMicroelectronics L78S09C Datasheet HTML 15Page - STMicroelectronics L78S09C Datasheet HTML 16Page - STMicroelectronics L78S09C Datasheet HTML 17Page - STMicroelectronics L78S09C Datasheet HTML 18Page - STMicroelectronics L78S09C Datasheet HTML 19Page - STMicroelectronics L78S09C Datasheet HTML 20Page - STMicroelectronics L78S09C Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
11.00
13.10
0.433
0.516
B
0.97
1.15
0.038
0.045
C
1.50
1.65
0.059
0.065
D
8.32
8.92
0.327
0.351
E
19.00
20.00
0.748
0.787
G
10.70
11.10
0.421
0.437
N
16.50
17.20
0.649
0.677
P
25.00
26.00
0.984
1.023
R
4.00
4.09
0.157
0.161
U
38.50
39.30
1.515
1.547
V
30.00
30.30
1.187
1.193
C
D
R
A
P
G
P003F
TO-3 MECHANICAL DATA
L78S00 SERIES
19/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com