Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L78S09C Datasheet(PDF) 18 Page - STMicroelectronics

Part # L78S09C
Description  2A POSITIVE VOLTAGE REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S09C Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L78S09C Datasheet HTML 13Page - STMicroelectronics L78S09C Datasheet HTML 14Page - STMicroelectronics L78S09C Datasheet HTML 15Page - STMicroelectronics L78S09C Datasheet HTML 16Page - STMicroelectronics L78S09C Datasheet HTML 17Page - STMicroelectronics L78S09C Datasheet HTML 18Page - STMicroelectronics L78S09C Datasheet HTML 19Page - STMicroelectronics L78S09C Datasheet HTML 20Page - STMicroelectronics L78S09C Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Figure 32 : Light Controllers (Vo min =Vxx +VBE).
VO falls when the light goes up
VO rises when the light goes up
Figure 33 : Protection against Input Short-circuit
with High Capacitance Loads.
Applications with high capacitance loads and an
output voltage greater than 6 volts need an external
diode (see fig. 33) to protect the device against input
short circuit. In this case the input voltage falls
rapidly while the output voltage decreases showly.
The capacitance discharges by means of the Base-
Emitter junction of the series pass transistor in the
regulator. If the energy is sufficiently high, the tran-
sistor may be destroyed. The external diode by-
passes the current from the IC to ground.
L78S00 SERIES
18/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com