Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8818D/KDX Datasheet(PDF) 3 Page - Microchip Technology

Part # LAN8818D/KDX
Description  4-Port Gigabit Ethernet Transceiver with QSGMII
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8818D/KDX Datasheet(HTML) 3 Page - Microchip Technology

  LAN8818D/KDX Datasheet HTML 1Page - Microchip Technology LAN8818D/KDX Datasheet HTML 2Page - Microchip Technology LAN8818D/KDX Datasheet HTML 3Page - Microchip Technology LAN8818D/KDX Datasheet HTML 4Page - Microchip Technology LAN8818D/KDX Datasheet HTML 5Page - Microchip Technology LAN8818D/KDX Datasheet HTML 6Page - Microchip Technology LAN8818D/KDX Datasheet HTML 7Page - Microchip Technology LAN8818D/KDX Datasheet HTML 8Page - Microchip Technology LAN8818D/KDX Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 101 page
background image
LAN8818D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00005832C-page 3
1.0
PREFACE
1.1
General Terms
TABLE 1-1:
GENERAL TERMS
Term
Description
1000BASE-T
1 Gbps Ethernet over twisted pair, IEEE 802.3 compliant
100BASE-TX
100 Mbps Ethernet over twisted pair, IEEE 802.3 compliant
10BASE-T
10 Mbps Ethernet over twisted pair, IEEE 802.3 compliant
10BASE-Te
Energy-efficient version of 10BASE-T, IEEE 802.3 compliant
ADC
Analog-to-Digital Converter
AFE
Analog Front End
AGC
Automatic Gain Control
AN
Auto-Negotiation
AWG
Additive White Gaussian
BC
IEEE-1588 Boundary Clock
BER
Bit Error Rate
Byte
8 bits
CF
IEEE-1588 Correction Field
DPLL
Digital Phase-Locked Loop
DCQ
Dynamic Channel Quality
DSP
Digital Signal Processing
E2E TC
IEEE-1588 End to End TC
EDPD
Energy-Detect Power-Down
EEC
Ethernet Equipment Clock
EEE
Energy Efficient Ethernet
EMI
Electromagnetic interference
FCS
Frame Check Sequence
FIFO
First In First Out buffer
FLF
Fast Link Failure
FLP
Fast Link Pulse
GMII
Gigabit Media Independent Interface
GPIO
General Purpose I/O
HBM
Human Body Model. Simulates ESD from humans



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com