Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8818D/KDX Datasheet(PDF) 71 Page - Microchip Technology

Part # LAN8818D/KDX
Description  4-Port Gigabit Ethernet Transceiver with QSGMII
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8818D/KDX Datasheet(HTML) 71 Page - Microchip Technology

Back Button LAN8818D/KDX Datasheet HTML 67Page - Microchip Technology LAN8818D/KDX Datasheet HTML 68Page - Microchip Technology LAN8818D/KDX Datasheet HTML 69Page - Microchip Technology LAN8818D/KDX Datasheet HTML 70Page - Microchip Technology LAN8818D/KDX Datasheet HTML 71Page - Microchip Technology LAN8818D/KDX Datasheet HTML 72Page - Microchip Technology LAN8818D/KDX Datasheet HTML 73Page - Microchip Technology LAN8818D/KDX Datasheet HTML 74Page - Microchip Technology LAN8818D/KDX Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 101 page
background image
LAN8818D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00005832C-page 71
6.0
OPERATIONAL CHARACTERISTICS
6.1
Absolute Maximum Ratings*
Supply Voltage (VDDAL_x, VDDCORE) (Note 6-1) ................................................................................ -0.5V to +1.27V
Supply Voltage (VDDAH_x, VDDIO, VDDIO_1) (Note 6-1) .................................................................... -0.5V to +3.63V
Input Voltage (all inputs) ......................................................................................................................... -0.5V to +3.63V
Output Voltage (all outputs) .................................................................................................................... -0.5V to +3.63V
Storage Temperature (TS).......................................................................................................................-55°C to +150°C
Lead Temperature (soldering, 10s) ....................................................................................................................... +260°C
Maximum Junction Temperature (TJ).................................................................................................................... +125°C
HBM ESD Performance .........................................................................................................................................+/-5 kV
Note 6-1
When powering this device from laboratory or system power supplies, it is important that the absolute
maximum ratings not be exceeded or device failure can result. Some power supplies exhibit voltage
spikes on their outputs when AC power is switched on or off. In addition, voltage transients on the
AC power line may appear on the DC output. If this possibility exists, it is suggested that a clamp
circuit be used.
*Stresses exceeding those listed in this section could cause permanent damage to the device. This is a stress rating
only. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Functional
operation of the device at any condition exceeding those indicated in Section 6.2, "Operating Conditions**", Section 6.5,
"DC Specifications", or any other applicable section of this specification is not implied.
6.2
Operating Conditions**
Supply Voltage (VDDAL_x, VDDCORE) ............................................................................ (-5%/+5%) +1.15V to +1.27V
Supply Voltage (VDDAH_x @ 2.5V)............................................................................... (-5%/+5%) +2.375V to +2.625V
Supply Voltage (VDDIO, VDDIO_1 @ 3.3V) .................................................................. (-5%/+5%) +3.135V to +3.465V
Supply Voltage (VDDIO, VDDIO_1 @ 2.5V) .................................................................. (-5%/+5%) +2.375V to +2.625V
Supply Voltage (VDDIO, VDDIO_1 @ 1.8V) ...................................................................... (-5%/+5%) +1.71V to +1.89V
Input Voltage (all inputs) ......................................................................................................................... -0.3V to +3.63V
Output Voltage (all outputs) .................................................................................................................... -0.3V to +3.63V
Ambient Operating Temperature in Still Air (TA).................................................................................................. Note 6-2
Note 6-2
0
C to +70C for commercial version, -40C to +85C for industrial version.
**Proper operation of the device is guaranteed only within the ranges specified in this section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com