Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8818D/KDX Datasheet(PDF) 60 Page - Microchip Technology

Part # LAN8818D/KDX
Description  4-Port Gigabit Ethernet Transceiver with QSGMII
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8818D/KDX Datasheet(HTML) 60 Page - Microchip Technology

Back Button LAN8818D/KDX Datasheet HTML 56Page - Microchip Technology LAN8818D/KDX Datasheet HTML 57Page - Microchip Technology LAN8818D/KDX Datasheet HTML 58Page - Microchip Technology LAN8818D/KDX Datasheet HTML 59Page - Microchip Technology LAN8818D/KDX Datasheet HTML 60Page - Microchip Technology LAN8818D/KDX Datasheet HTML 61Page - Microchip Technology LAN8818D/KDX Datasheet HTML 62Page - Microchip Technology LAN8818D/KDX Datasheet HTML 63Page - Microchip Technology LAN8818D/KDX Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 101 page
background image
LAN8818D
DS00005832C-page 60
© 2026 Microchip Technology Inc. and its subsidiaries
5.17
Interrupts
The INT_N pin is an optional interrupt signal that is used to inform the external controller that there has been a status
update in the device. The Interrupt Enable register contains the interrupt control bits that enable and disable the condi-
tions for asserting the INT_N signal. The Interrupt Status register contains the interrupt status bits that indicate which
interrupt conditions have occurred. Most interrupt status bits are cleared upon reading. Some bits are read only and
have a lower level register to indicate individual sources.
The interrupt structure of the device is detailed in Figure 5-14.
The INT_N buffer type is selectable between open-drain and push-pull and is configured by the INT Buffer Type field in
the Output Control register. The default is open-drain.
The Intr Polarity Invert bit in the Control register sets the interrupt level to active high or active low. The default is active
low. If the buffer type is set to open-drain, the polarity is forced to be active low.
Note:
Bits in the Interrupt Status register are set by the interrupt events regardless of the value of the correspond-
ing bits in the Interrupt Enable register.
FIGURE 5-14:
INTERRUPT STRUCTURE
4
4
Interrupt
Sources
Logical
OR
1588_TSU_x
Interrupt
1588 Timestamp Engine x
INT_N
Chip-Level
Interrupt
Chip-Level
Interrupt Status Register
GPHY_Hard_Macro_x
Interrupt
1588 Common Logic
Interrupt
1588
Interrupt
Enable
Register
Logical
OR
GPHY Hard Macro x
GPHY
Interrupt
Enable
Register
Logical
OR
PTP Common
Interrupt
Enable
Register
4
4
GPIOs
Interrupt
Logical
OR
GPIO
Interrupt
Enable
Register
AB PVT
Interrupt
Logical
OR
AB PVT
Interrupt
Mask
Register
1588 ISR
Interrupt
Sources
GPHY ISR
Interrupt
Sources
PTP Common ISR
Interrupt
Sources
GPIO ISR
Interrupt
Sources
AB PVT ISR
1588 Common Logic
GPIOs
Temperature Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com