Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9308 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9308
Description  DUAL LOW SIDE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9308 Datasheet(HTML) 1 Page - STMicroelectronics

  L9308 Datasheet HTML 1Page - STMicroelectronics L9308 Datasheet HTML 2Page - STMicroelectronics L9308 Datasheet HTML 3Page - STMicroelectronics L9308 Datasheet HTML 4Page - STMicroelectronics L9308 Datasheet HTML 5Page - STMicroelectronics L9308 Datasheet HTML 6Page - STMicroelectronics L9308 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
L9308
October 1990
DUAL LOW SIDE DRIVER
.
DARLINGTON OUTPUT STAGE
.
INPUT COMPARATOR WITH WIDE RANGE
COMMON MODE OPERATION AND GROUND
COMPATIBLE INPUTS
.
INPUT COMPARATOR HYSTERESIS
.
SHORT CIRCUIT PROTECTION OF OUTPUT
WITH SOA PROTECTION
.
INTERNAL THERMAL PROTECTION WITH
HYSTERESIS
.
SINGLESUPPLY VOLTAGEFROM 3.5VUP TO
28V
DESCRIPTION
The L9308 is a monolithic interface circuit with dif-
ferentialinput comparator and open collector output
able to sink current specifically to drive lamps, re-
lays, d.c. motors, electro valves etc.
Particular care has been taken to protect the device
against destructive failures - short circuit of outputs
to VS, SOA protection, supply overvoltage.
BLOCK DIAGRAM
ORDERING NUMBER : L9308
MINIDIP
A built in thermal shut-down switches off the device
when the IC’s internal dissipation becomes too high
and the chip temperature exceeds the security
threshold.
The input comparatorhysteresis increases the inter-
face’s noise immunity allowing the correct use in
critical environments as automotive applications.
1/7
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.


Similar Part No. - L9308

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9300 STMICROELECTRONICS-L9300 Datasheet
2Mb / 182P
Automotive flexible U-chip for braking and transmission
15-Dec-2021
L9300 STMICROELECTRONICS-L9300 Datasheet
7Mb / 178P
Automotive flexible U-chip for braking and transmission
19-Jun-2025
L9300TD80T STMICROELECTRONICS-L9300TD80T Datasheet
7Mb / 178P
Automotive flexible U-chip for braking and transmission
19-Jun-2025
L9300TD80T-TR STMICROELECTRONICS-L9300TD80T-TR Datasheet
2Mb / 182P
Automotive flexible U-chip for braking and transmission
15-Dec-2021
L9300TD80T-TR STMICROELECTRONICS-L9300TD80T-TR Datasheet
7Mb / 178P
Automotive flexible U-chip for braking and transmission
19-Jun-2025
More results

Similar Description - L9308

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS4426 IRF-IRS4426 Datasheet
356Kb / 19P
DUAL LOW SIDE DRIVER
AUIRS4426S IRF-AUIRS4426S Datasheet
265Kb / 17P
DUAL LOW SIDE DRIVER
AUIRS4427S IRF-AUIRS4427S Datasheet
327Kb / 16P
DUAL LOW SIDE DRIVER
IR25600SPBF IRF-IR25600SPBF Datasheet
625Kb / 10P
Dual Low Side Driver
IRS44262S IRF-IRS44262S Datasheet
286Kb / 15P
DUAL LOW SIDE DRIVER
IR25600PBF IRF-IR25600PBF_15 Datasheet
1Mb / 11P
Dual Low Side Driver
IRS44262S IRF-IRS44262S_15 Datasheet
286Kb / 15P
DUAL LOW SIDE DRIVER
logo
Infineon Technologies A...
IRS4426 INFINEON-IRS4426 Datasheet
369Kb / 17P
DUAL LOW SIDE DRIVER
February 28, 2011 Datasheet No-97481
IRS4427PBF INFINEON-IRS4427PBF Datasheet
279Kb / 14P
DUAL LOW SIDE DRIVER
July 29, 2011
IR4426 INFINEON-IR4426 Datasheet
228Kb / 12P
DUAL LOW SIDE DRIVER
Data Sheet No. PD60177 Rev. F
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com