Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9308 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9308
Description  DUAL LOW SIDE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9308 Datasheet(HTML) 3 Page - STMicroelectronics

  L9308 Datasheet HTML 1Page - STMicroelectronics L9308 Datasheet HTML 2Page - STMicroelectronics L9308 Datasheet HTML 3Page - STMicroelectronics L9308 Datasheet HTML 4Page - STMicroelectronics L9308 Datasheet HTML 5Page - STMicroelectronics L9308 Datasheet HTML 6Page - STMicroelectronics L9308 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELECTRICAL CHARACTERISTICS (Vs = 14.4V ; – 40
°C ≤ Tamb, ≤ 85°C; RS =100Ω unlessotherwisenoted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIH
Hysteresis of the Input
Comparater
VIN = 200mVpp ;
f = 1kHz
20
80
mV
IB
Input Bias Current
VI
+ =VI– = 0
0.2
1.0
µA
IOS
Input Offset Current
VI
+ =V
I
=0
± 50
± 400
nA
CMR
Input Common Mode Range
Vs = 6 – 18V
Tamb =25
°C
0VST –1.6
V
ISC
Output Short Circuit Current for
Each Channel
(see fig. 4)
VIN –VIN > 70mV
VS = 16V
Tamb =25
°Cto 85°C
Tamb =– 40
°Cto 25°C
VOUT 1, 2 =6V
0.6
0.7
1.2
A
A
A
VCSAT
On Status Saturation Voltage
Tamb =– 40
°Cto 25°C
VI
–VI+ > 70mV
IOUT 1, 2 = 300mA
Tamb =25
°Cto 85°C
1.0
1.5
1.4
V
V
IOL
Output Leakage Current
VI
–VI– > 70mV
VS = 18V
VS =5V
10
300
20
µA
µA
VST
Supply voltage (pin 6)
3.5
18
V
I ”st.by”
Supply Current
VI
+
VI
> 70mV
5
8
mA
I”ON”
Supply Current
VI
VI
+ > 70mV
18
mA
VZS
Voltage Clamp Supply Protection
IZS = 10mA
20
27
V
IOmin
Minimum Output Current wiyth
the Outputs connected Together
VCSAT = 1.5V
400
mA
tr
tf
Rise Time (see fig. 2)
Fall Time
IOUT = 50mA
Tamb =25
°C
2
2
µs
tdon
tdoff
Delay Time on
Delay Time off
IOUT = 50mA
Tamb =25
°C
10
10
µs
L9308
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com