Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9308 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9308
Description  DUAL LOW SIDE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9308 Datasheet(HTML) 2 Page - STMicroelectronics

  L9308 Datasheet HTML 1Page - STMicroelectronics L9308 Datasheet HTML 2Page - STMicroelectronics L9308 Datasheet HTML 3Page - STMicroelectronics L9308 Datasheet HTML 4Page - STMicroelectronics L9308 Datasheet HTML 5Page - STMicroelectronics L9308 Datasheet HTML 6Page - STMicroelectronics L9308 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PIN CONNECTION (Top view)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
IZS
Current Into Supply
Tamb = 25
°C, DC
Clamp Zener Diode
Pulsed (*)
30
80
mA
mA
VS
Supply Voltage
28
V(**)
IO
Output Current
Internally Limited
Tj,Tstg
Junction and Storage Temperature
– 55 to +150
°C
Ptot
Power Dissipation at Tamb =85
°C
650
mW
(*) TON
≤ 2.5ms ; repetition time > 30ms.
(**) The maximum allowed supply voltage without limiting resistor is limited by the built-in protection zener diode : see VZS spec.
values. If VS is higher than VZS a resistor RS is necessary to limit the zener current IZS.
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction-ambient
Max
100
°C/W
1) -IN2
Inverting input2
2) +IN2
Non-inverting input2
3) OUT2 Output2
4) GND Ground
5) OUT1 Output1
6) VST
Supply
7) +IN1
Non-inverting input1
8) -IN1
Inverting input1
L9308
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com