Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9339 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9339
Description  QUAD LOW SIDE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9339 Datasheet(HTML) 3 Page - STMicroelectronics

  L9339 Datasheet HTML 1Page - STMicroelectronics L9339 Datasheet HTML 2Page - STMicroelectronics L9339 Datasheet HTML 3Page - STMicroelectronics L9339 Datasheet HTML 4Page - STMicroelectronics L9339 Datasheet HTML 5Page - STMicroelectronics L9339 Datasheet HTML 6Page - STMicroelectronics L9339 Datasheet HTML 7Page - STMicroelectronics L9339 Datasheet HTML 8Page - STMicroelectronics L9339 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
L9339
ABSOLUTE MAXIMUM RATINGS (no damage or latch)
Notes: 1. In flyback phase the output voltage can reach 60V.
ESD according to MIL 883C; tested at 2KV; corresponds to maximum energy dissipation 0.2mJ.
THERMAL DATA
2. With 6cm2 on board heat sink area.
3. Mounted on SMPCB2 board
Symbol
Parameter
Value
Unit
VS
Supply voltage
DC
Supply voltage
Pulse (T < 400ms)
-0.3 ... 32
-0.3 ... 45
V
V
dVS/dt
Supply voltage transient
-10 ... +10
V/
µs
VIN,VPRG
Input, Programming
DC voltage
Input, Programming
Pulse (T < 400ms)
-0.3 ... 32
-0.3 ... 45
V
V
IIN
Negative input current
-10
mA
VEN
Enable voltage
DC
Enable voltage
Pulse (T <400ms)
-24 ... 32
-24 ... 45
V
V
VOUT
Output voltage
-0.3 ... 45 1)
V
IOUT
Negative output current
Positive output current
-1
internal limited
A
VDIAG
Diagnostic output voltage
DC
Diagnostic output voltage
Pulse (T < 400ms)
-0.3 ... 32
-0.3 ... 45
V
V
Symbol
Parameter
Min.
Typ.
Max.
Unit.
TJSDon
Temperature shutdown switch-on-threshold
160
200
°C
TJSDoff
Temperature shutdown switch-off-threshold
140
180
°C
SO 12+4+4
Rth j-pin
Thermal resistance junction to pins
15
°C/W
Rth j-amb
Thermal resistance junction to ambient 2)
50
°C/W
SO 20
Rth j-amb
Thermal resistance junction to ambient 3)
97
°C/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com