Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9339 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9339
Description  QUAD LOW SIDE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9339 Datasheet(HTML) 6 Page - STMicroelectronics

  L9339 Datasheet HTML 1Page - STMicroelectronics L9339 Datasheet HTML 2Page - STMicroelectronics L9339 Datasheet HTML 3Page - STMicroelectronics L9339 Datasheet HTML 4Page - STMicroelectronics L9339 Datasheet HTML 5Page - STMicroelectronics L9339 Datasheet HTML 6Page - STMicroelectronics L9339 Datasheet HTML 7Page - STMicroelectronics L9339 Datasheet HTML 8Page - STMicroelectronics L9339 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
L9339
6/9
FUNCTIONAL DESCRIPTION
The L9339 is a quad low side driver for lines, lamps or inductive loads in automotive and industrial applications.
The logic input levels are TTL and CMOS compatible. This allows the device to be driven directly by a micro-
controller. For the noise immunity, all input thresholds has a hysteresis of typ. 100mV. At each input (IN and
PRG) voltages from -0.3V to 32V can be applied, EN can withstand voltages from -25V to 32V. The device is
activated with a ’high’ signal on ENable. ENable ’low’ switches the device into the sleep mode. In this mode the
quiescent current is less than 10
µA. A high signal on PRoGramming input changes the signal transfer polarity
from noninverting into the inverting mode. This pin can be connected to VS or GND. The forced status of the
PRG and EN pin is low, if these pins are not connected. This forced condition leads to a mode change if the
PRG pin was high before the interruption. Independent of the PRoGramming input, the OUTput switches off, if
the signal INput pin is not connected.
Each output driver has a current limitation of min 0.4A and a independent thermal shut-down. The thermal shut-
down deactivates that output, which exceeds temperature switch off level. When the junction temperature de-
creases 20K below this temperature threshold the output will be activated again (hysteresis of the thermal shut-
down function).
The slew rate of the output voltage is limited to max. 14V/
µs, to reduce the electromagnetic
radiation of the loads and its wiring. For inductive loads a output voltage clamp of typicaly 52V is implemented.
The DIAGnostic is an open drain output with an additional series diode. The logic status depends on the PRo-
Gramming pin. If the PRG pin is ’low’ the DIAG output becomes low, if the device works correctly. At thermal
shut-down of one channel the DIAGnostic output becomes high. If the PRG pin is ’high’ this output is switched
off at normal function and switched on at overtemperature.
Diagnostic Table
X = not relevant
* selective for each channel at overtemperature
Pins
EN
PRG
IN
OUT
DIAG
Correct function
H
L
L
L (on)
L (on)
H
L
H
H (off)
L (on)
H
H
L
H (off)
H (off)
H
H
H
L (on)
H (off)
L
X
X
H (off)
H (off)
Overtemperature
or supply voltage
H
L
X
H (off) *
H (off)
Overtemperature
H
H
X
H(off) *
L(on)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com