Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9339 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9339
Description  QUAD LOW SIDE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9339 Datasheet(HTML) 4 Page - STMicroelectronics

  L9339 Datasheet HTML 1Page - STMicroelectronics L9339 Datasheet HTML 2Page - STMicroelectronics L9339 Datasheet HTML 3Page - STMicroelectronics L9339 Datasheet HTML 4Page - STMicroelectronics L9339 Datasheet HTML 5Page - STMicroelectronics L9339 Datasheet HTML 6Page - STMicroelectronics L9339 Datasheet HTML 7Page - STMicroelectronics L9339 Datasheet HTML 8Page - STMicroelectronics L9339 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
L9339
4/9
ELECTRICAL CHARACTERISTCS
The electrical characteristics are valid within the below defined Operating Conditions, unless otherwise speci-
fied. The function is guaranteed by design until TJSDon switch-on-threshold.
VS
Supply voltage
4.5 V to 32 V
Tj
Junction temperature
-40
°Cto150 °C
Tamb Ambient Temperature
-40
°Cto125 °C
Note: Ambient test temperature = -40
°C to 125 °C
Symbol
Parameter
Test Conditio n
Min.
Typ.
Max.
Unit
SUPPLY:
-0.3V < VEN < 0.5V; VS =14 V;
Ta < 125 °C
<2
10
µA
IQ
Quiescent current
-0.3V < VEN < 0.5V; VS =14 V;
Ta < 150 °C
50
µA
VEN > 3.2V; VS < 14V
1.5
2
mA
Inputs, IN1 - IN4; Programming, PRG:
VINlow
Input voltage LOW
-0.3
2.0
V
VINhigh
Input voltage HIGH
2.8
32
V
IIN
Input current
VIN = 0 ... 32V
-15
25
µA
Enable EN:
VENlow
Input voltage LOW
-24
1
V
VENhigh
Input voltage HIGH
3.2
VS
V
REN
Input impedance
-24 V < VIN < 2.5 V
10
k
Ω
IEN
Input current
2.5 V < VIN < 32V
20
80
µA
Output s OUT1- OUT4
RDSon
Output ON-resistor
VS >6V, IO = 0.3A
1.7
3.8
Ω
IOLeak
Leakage current
VO=VS =14 V; Ta < 125 °C<1
5
µA
VO=VS =14 V; Ta < 150 °C25
µA
VOClamp Output voltage during clamping
time < 200
µs
10 mA < IO <0.3 A
45
52
60
V
IOSC
Short-circuit current
4.5V < VS < 6V
0.3
1
A
VS > 6V
0.4
0.7
1
A
CO
internal output capacities
VO > 4.5V
100
pF
Diagnostic Output DIAG
VDlow
Output voltage LOW
IDL < 0.6mA
1.3
V
IDmax
Max. output current
internal current limitation
VD =14V
15
15
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com