Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA659 Datasheet(PDF) 17 Page - Texas Instruments

Part # OPA659
Description  OPA818 2.7GHz, High-Voltage, FET-Input, Low-Noise, Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA659 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA659 Datasheet HTML 13Page - Texas Instruments OPA659 Datasheet HTML 14Page - Texas Instruments OPA659 Datasheet HTML 15Page - Texas Instruments OPA659 Datasheet HTML 16Page - Texas Instruments OPA659 Datasheet HTML 17Page - Texas Instruments OPA659 Datasheet HTML 18Page - Texas Instruments OPA659 Datasheet HTML 19Page - Texas Instruments OPA659 Datasheet HTML 20Page - Texas Instruments OPA659 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
7.4 Device Functional Modes
7.4.1 Split-Supply Operation (+4/–2 V to ±6.5 V)
In typical split-supply operation, the midpoint between the power rails is ground. The midpoint at ground in a
split-supply configuration is a valid operating condition for the OPA818 when using symmetric supply voltages
that are greater than or equal to ±4 V. This configuration facilitates interfacing the OPA818 with common lab
equipment that have inputs and outputs referenced to ground, such as signal generators, network analyzers,
oscilloscopes, and spectrum analyzers. However, when using split-supply voltages less than ±4 V, ensure that
the input common-mode range is not violated. Be aware that the typical input common-mode range of the
OPA818 includes VS– and extends up to 3.2 V from VS+. For example, when using ±3 V supplies, ensure
that the input common-mode voltage of the signal is typically 3.2 V from VS+ and 3.6 V from VS+, per the
maximum specified input common-mode range. Ground is not included in the input common-mode range with
±3 V supplies, and results in erroneous operation if the input signal has ground as the midpoint. To prevent this
issue, use +4/–2 V supplies.
7.4.2 Single-Supply Operation (6 V to 13 V)
Many newer systems use single power supply to improve efficiency and reduce the cost of the extra power
supply. The OPA818 is designed for use with split-supply configuration. However, the device is available for
use with a single-supply with no change in performance, as long as the input and output are biased within
the linear operation of the device. To change the circuit from split supply to single supply, level shift all the
voltages to mid-supply using VREF. Give additional consideration to the input common-mode range to not violate
requirements when operating with supplies less than 8 V. One of the advantages of configuring an amplifier for
single-supply operation is that the effects of –PSRR are minimized because the low supply rail is grounded.
www.ti.com
OPA818
SBOS940B – MAY 2019 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA818



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com