Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA659 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA659
Description  OPA818 2.7GHz, High-Voltage, FET-Input, Low-Noise, Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA659 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA659 Datasheet HTML 4Page - Texas Instruments OPA659 Datasheet HTML 5Page - Texas Instruments OPA659 Datasheet HTML 6Page - Texas Instruments OPA659 Datasheet HTML 7Page - Texas Instruments OPA659 Datasheet HTML 8Page - Texas Instruments OPA659 Datasheet HTML 9Page - Texas Instruments OPA659 Datasheet HTML 10Page - Texas Instruments OPA659 Datasheet HTML 11Page - Texas Instruments OPA659 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
6.6 Typical Characteristics: VS = ±5 V (continued)
at TA ≅ 25°C, VS+ = +5 V, VS– = –5 V, closed-loop gain (G) = 7 V/V, VCM = midsupply, RF = 301 Ω, RL = 100 Ω to midsupply,
small-signal VO = 100 mVPP, and large-signal VO = 2 VPP (unless otherwise noted)
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
10M
100M
1G
D009
VO = 0.2 VPP
VO = 1 VPP
VO = 2 VPP
VO = 5 VPP
G = 10 V/V
Figure 6-7. Noninverting Frequency Response Over Output
Swing
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
10M
100M
1G
D010
VO = 0.2 VPP
VO = 1 VPP
VO = 2 VPP
VO = 5 VPP
G = –10 V/V
Figure 6-8. Inverting Frequency Response Over Output Swing
Frequency (Hz)
8
9
10
11
12
13
14
15
16
17
18
19
20
10M
100M
1G
D011
VS = 6 V
VS = 10 V
VS = 12 V
VO = 100 mVPP
Figure 6-9. Noninverting Small-Signal Frequency Response
Over Voltage Supply
Frequency (Hz)
8
9
10
11
12
13
14
15
16
17
18
19
20
10M
100M
1G
D012
VS = 6 V
VS = 10 V
VS = 12 V
VO = 2 VPP
Figure 6-10. Noninverting Large-Signal Frequency Response
Over Voltage Supply
Frequency (Hz)
9
10
11
12
13
14
15
16
17
18
19
20
21
22
10M
100M
1G
D014
RF = 100 :
RF = 301 :
RF = 499 :
VO = 100 mVPP
Figure 6-11. Noninverting Small-Signal Frequency Response
Over RF
Frequency (Hz)
40
50
60
70
80
90
100
110
120
1k
10k
100k
1M
10M
100M
D030
CMRR
PSRR+
PSRR
Simulation
Figure 6-12. Common-Mode and Power-Supply Rejection Ratio
vs Frequency
OPA818
SBOS940B – MAY 2019 – REVISED DECEMBER 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA818



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com