Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA659 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA659
Description  OPA818 2.7GHz, High-Voltage, FET-Input, Low-Noise, Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA659 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA659 Datasheet HTML 6Page - Texas Instruments OPA659 Datasheet HTML 7Page - Texas Instruments OPA659 Datasheet HTML 8Page - Texas Instruments OPA659 Datasheet HTML 9Page - Texas Instruments OPA659 Datasheet HTML 10Page - Texas Instruments OPA659 Datasheet HTML 11Page - Texas Instruments OPA659 Datasheet HTML 12Page - Texas Instruments OPA659 Datasheet HTML 13Page - Texas Instruments OPA659 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
6.6 Typical Characteristics: VS = ±5 V (continued)
at TA ≅ 25°C, VS+ = +5 V, VS– = –5 V, closed-loop gain (G) = 7 V/V, VCM = midsupply, RF = 301 Ω, RL = 100 Ω to midsupply,
small-signal VO = 100 mVPP, and large-signal VO = 2 VPP (unless otherwise noted)
Frequency (Hz)
1
10
50
100
1k
10k
100k
1M
D026
Figure 6-19. Voltage Noise Density vs Frequency
Frequency (Hz)
1
10
100
1000
4000
4000
10k
100k
1M
10M
100M
D101
Common-mode noise
Simulation
Figure 6-20. Current Noise Density vs Frequency
Frequency (Hz)
0
-180
8
-165
16
-150
24
-135
32
-120
40
-105
48
-90
56
-75
64
-60
72
-45
80
-30
88
-15
96
0
104
15
1k
10k
100k
1M
10M
100M
1G
D027
AOL Magnitude (dB)
AOL Phase (q)
Simulation
Figure 6-21. Open-Loop Gain Magnitude and Phase vs
Frequency
Frequency (Hz)
1
0.01
10
0.1
100
1
1000
10
2000
20
1k
10k
100k
1M
10M
100M
1G
D102
ZOL
ZCL
Simulation
Figure 6-22. Open-Loop and Closed-Loop Output Impedance vs
Frequency
Output Voltage (V)
-4
-3
-2
-1
0
1
2
3
4
50
55
60
65
70
75
80
85
90
95
100
105
110
115
D055
TA = 40qC
TA = 25qC
TA = 70qC
TA = 85qC
Figure 6-23. DC Open-Loop Gain vs Output Voltage
Output Current (mA)
-75
-60
-45
-30
-15
0
15
30
45
60
75
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
D044
15 units
Figure 6-24. Input Offset Voltage vs Output Current
OPA818
SBOS940B – MAY 2019 – REVISED DECEMBER 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA818



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com