Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9351 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9351
Description  L9349DIE1
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9351 Datasheet(HTML) 2 Page - STMicroelectronics

  L9351 Datasheet HTML 1Page - STMicroelectronics L9351 Datasheet HTML 2Page - STMicroelectronics L9351 Datasheet HTML 3Page - STMicroelectronics L9351 Datasheet HTML 4Page - STMicroelectronics L9351 Datasheet HTML 5Page - STMicroelectronics L9351 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
D.C. Supply Voltage
D.C. Reverse Supply Voltage
Load Dump: 5ms
≤ trise ≤ 10ms
τf Fall Time Constant = 100ms, Rsource ≥ 0.5Ω
Low Energy Spikes: Rsource
≥ 10Ω,trise =1µs,
tf = 2ms, fr Repetition Frequency = 0.2Hz
24
–13
60
±85
V
V
V
V
Vi
Input Voltage
–0.3 to 7
V
IO
Output Current
Internally Limited
Ptot
Total Power Dissipation at Tcase =90
°C
17.1
W
Tj,Tstg
Junction and Storage Temperature
–55 to 150
°C
PIN CONNECTION (top view)
Note : Pin 3 must be left open or connected to ground.
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Rth j-case
Thermal Resistance Junction-ambient
Max.
Thermal Resistance Junction-case
Max.
80
3.5
°C/W
°C/W
L9351
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com