Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9351 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9351
Description  L9349DIE1
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9351 Datasheet(HTML) 1 Page - STMicroelectronics

  L9351 Datasheet HTML 1Page - STMicroelectronics L9351 Datasheet HTML 2Page - STMicroelectronics L9351 Datasheet HTML 3Page - STMicroelectronics L9351 Datasheet HTML 4Page - STMicroelectronics L9351 Datasheet HTML 5Page - STMicroelectronics L9351 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
L9351
October 1992
HIGH SIDE DRIVER
ADVANCE DAT A
.
LOW SATURATION VOLTAGE
.
TTL COMPATIBLE INPUT
.
WIDE SUPPLY VOLTAGE
.
VERY LOW QUIESCENT CURRENT
(30mA max)
.
NO EXTERNAL COMPONENTS
.
INTERNAL
RECIRCULATION
PATH
FOR
FAST DECAY OF INDUCTIVE LOAD CUR-
RENT
.
SHORT CIRCUIT PROTECTION
.
FAILSAFE OPERATION : OUTPUT IS OFF IF
THE LOGIC INPUT IS LEFT OPEN
DESCRIPTION
The L9351 is a monolithic integrated circuit desi-
gned to drive grounded resistive, inductive or mixed
loads from the power supply positive side. Very low
standby current (30mA max.) and internally imple-
mented protections against load dump and reverse
voltages make the device very useful in automotive
applications. No external components are required
because the output recirculation clamping zener is
included in the chip. This zener can withstand a re-
circulation peak current of 550mA on a 80mH/25
Ω
load.
The device is self-protected against overtempera-
ture, overvoltage and overcurrent conditions. The
L9351 operates over the full battery voltage range,
from 4.5V (cold cranking) up to 24V (jump starting).
The L9351 withstands revers battery conditions (-
13V) and supply voltage transients up to 80V limit-
ing the maximum output transistor VEC to 70V by an
internalzener. ON and OFF delaytimes of 25
µsmax
in any outputstatus, including recirculating situation,
allow PWM use of L9351.
Pentawatt
ORDERING NUMBER : L9351
BLOCK DIAGRAM
1/6


Similar Part No. - L9351

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9352 STMICROELECTRONICS-L9352 Datasheet
328Kb / 21P
INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
Jun-2002
L9352-DIE1 STMICROELECTRONICS-L9352-DIE1 Datasheet
328Kb / 21P
INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
Jun-2002
L9352B STMICROELECTRONICS-L9352B Datasheet
611Kb / 21P
INTELLIGENT QUAD (2X5A/2X2.5A) LOW-SIDE SWITCH
Feb-2004
L9352B STMICROELECTRONICS-L9352B Datasheet
333Kb / 27P
Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
17-Sep-2013
L9352B-DIE1 STMICROELECTRONICS-L9352B-DIE1 Datasheet
611Kb / 21P
INTELLIGENT QUAD (2X5A/2X2.5A) LOW-SIDE SWITCH
Feb-2004
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com