Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9351 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9351
Description  L9349DIE1
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9351 Datasheet(HTML) 3 Page - STMicroelectronics

  L9351 Datasheet HTML 1Page - STMicroelectronics L9351 Datasheet HTML 2Page - STMicroelectronics L9351 Datasheet HTML 3Page - STMicroelectronics L9351 Datasheet HTML 4Page - STMicroelectronics L9351 Datasheet HTML 5Page - STMicroelectronics L9351 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS
(VS = 14.4V, – 40
°C ≤ Tj ≤ + 125°C unless otherwise specified).
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VS
Operating Supply Voltage
4.5
24
V
VIH
Input Voltage High
4.5 < VS < 24
2.0
V
VIL
Input Voltage Low
1
0.8
V
II
Input Current
0.8 < VI < 5.5V
40
µA
IPL
Output Leakage Current
VO =0V
VS = 24V
VI < 0.8V
140
µA
Vsat
Output Saturation Voltage
IO = 125mAVS = 4.5V
0.5
V
IO = 225mAVS = 14.4V
0.5
V
IO = 550mAVS = 14.4V
0.7
V
ISC
Output Short Circuit Current
0.6
1.5
A
IQ
Quiescent Current
VI >2V
30
mA
VI < 0.8V Stand-by Condition
100
150
µA
VZO
Negative Output Zener Voltage
RL =25
Ω
L = 80mH
on VI Transition from ”1” to ”0”
–36
– 30
–24
V
Ton
Turn ON Delay
Resistive Load RL =25
Ω,
Tj =25
°C (fig.2)
20
µs
Toff
Turn OFF Delay
25
µs
Figure 1 : Typical Automotive Application Circuit.
L9351
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com