Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2670 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2670
Description  SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator with Sync
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2670 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2670 Datasheet HTML 1Page - National Semiconductor (TI) LM2670 Datasheet HTML 2Page - National Semiconductor (TI) LM2670 Datasheet HTML 3Page - National Semiconductor (TI) LM2670 Datasheet HTML 4Page - National Semiconductor (TI) LM2670 Datasheet HTML 5Page - National Semiconductor (TI) LM2670 Datasheet HTML 6Page - National Semiconductor (TI) LM2670 Datasheet HTML 7Page - National Semiconductor (TI) LM2670 Datasheet HTML 8Page - National Semiconductor (TI) LM2670 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LM2670
SIMPLE SWITCHER® High Efficiency 3A Step-Down
Voltage Regulator with Sync
General Description
The LM2670 series of regulators are monolithic integrated
circuits which provide all of the active functions for a step-
down (buck) switching regulator capable of driving up to 3A
loads with excellent line and load regulation characteristics.
High efficiency (>90%) is obtained through the use of a low
ON-resistance DMOS power switch. The series consists of
fixed output voltages of 3.3V, 5V and 12V and an adjustable
output version.
The SIMPLE SWITCHER concept provides for a complete
design using a minimum number of external components.
The switching clock frequency can be provided by an inter-
nal fixed frequency oscillator (260KHz) or from an externally
provided clock in the range of 280KHz to 400Khz which
allows the use of physically smaller sized components. A
family of standard inductors for use with the LM2670 are
available from several manufacturers to greatly simplify the
design process. The external Sync clock provides direct and
precise control of the output ripple frequency for consistent
filtering or frequency spectrum positioning.
The LM2670 series also has built in thermal shutdown,
current limiting and an ON/OFF control input that can power
down the regulator to a low 50µA quiescent current standby
condition. The output voltage is guaranteed to a ±2% toler-
ance.
Features
n
Efficiency up to 94%
n
Simple and easy to design with (using off-the-shelf
external components)
n
150 m
Ω DMOS output switch
n
3.3V, 5V and 12V fixed output and adjustable (1.2V to
37V ) versions
n
50µA standby current when switched OFF
n ±
2%maximum output tolerance over full line and load
conditions
n
Wide input voltage range: 8V to 40V
n
External Sync clock capability (280KHz to 400KHz)
n
260 KHz fixed frequency internal oscillator
n
−40 to +125˚C operating junction temperature range
Applications
n
Simple to design, high efficiency (>90%) step-down
switching regulators
n
Efficient system pre-regulator for linear voltage
regulators
n
Battery chargers
n
Communications and radio equipment regulator with
synchronized clock frequency
Typical Application
10094203
SIMPLE SWITCHER® is a registered trademark of National Semiconductor Corporation.
April 2005
© 2005 National Semiconductor Corporation
DS100942
www.national.com


Similar Part No. - LM2670

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2670 NSC-LM2670 Datasheet
459Kb / 26P
SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
logo
Texas Instruments
LM2670 TI-LM2670 Datasheet
1Mb / 36P
LM2670 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
LM2670 TI1-LM2670 Datasheet
2Mb / 38P
LM2670 SIMPLE SWITCHER짰 High Efficiency 3-A Step-Down Voltage Regulator With Sync
LM2670EP TI1-LM2670EP Datasheet
494Kb / 28P
LM2670EP Enhanced Plastic SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
logo
National Semiconductor ...
LM2670S-12 NSC-LM2670S-12 Datasheet
459Kb / 26P
SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
More results

Similar Description - LM2670

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2670 NSC-LM2670 Datasheet
459Kb / 26P
SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
LM2677 NSC-LM2677 Datasheet
847Kb / 26P
SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2670EP TI1-LM2670EP Datasheet
494Kb / 28P
LM2670EP Enhanced Plastic SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
LM2676 SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator
LM2677SD-ADJ TI1-LM2677SD-ADJ Datasheet
1Mb / 34P
LM2677 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
LM2670SX-33 TI-LM2670SX-33 Datasheet
1Mb / 36P
LM2670 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
LM2678 TI-LM2678_15 Datasheet
1Mb / 34P
LM2678 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
LM2670 TI1-LM2670 Datasheet
2Mb / 38P
LM2670 SIMPLE SWITCHER짰 High Efficiency 3-A Step-Down Voltage Regulator With Sync
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com