Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2670 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2670
Description  SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator with Sync
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2670 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2670 Datasheet HTML 7Page - National Semiconductor (TI) LM2670 Datasheet HTML 8Page - National Semiconductor (TI) LM2670 Datasheet HTML 9Page - National Semiconductor (TI) LM2670 Datasheet HTML 10Page - National Semiconductor (TI) LM2670 Datasheet HTML 11Page - National Semiconductor (TI) LM2670 Datasheet HTML 12Page - National Semiconductor (TI) LM2670 Datasheet HTML 13Page - National Semiconductor (TI) LM2670 Datasheet HTML 14Page - National Semiconductor (TI) LM2670 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Application Hints (Continued)
DESIGN CONSIDERATIONS
Power supply design using the LM2670 is greatly simplified
by using recommended external components. A wide range
of inductors, capacitors and Schottky diodes from several
manufacturers have been evaluated for use in designs that
cover the full range of capabilities (input voltage, output
voltage and load current) of the LM2670. A simple design
procedure using nomographs and component tables pro-
vided in this data sheet leads to a working design with very
little effort. Alternatively, the design software, LM267X Made
Simple (version 6.0), can also be used to provide instant
component selection, circuit performance calculations for
evaluation, a bill of materials component list and a circuit
schematic.
The individual components from the various manufacturers
called out for use are still just a small sample of the vast
array of components available in the industry. While these
components are recommended, they are not exclusively the
only components for use in a design. After a close compari-
son of component specifications, equivalent devices from
other manufacturers could be substituted for use in an ap-
plication.
Important considerations for each external component and
an explanation of how the nomographs and selection tables
were developed follows.
INDUCTOR
The inductor is the key component in a switching regulator.
For efficiency the inductor stores energy during the switch
ON time and then transfers energy to the load while the
switch is OFF.
Nomographs are used to select the inductance value re-
quired for a given set of operating conditions. The nomo-
graphs assume that the circuit is operating in continuous
mode (the current flowing through the inductor never falls to
zero). The magnitude of inductance is selected to maintain a
10094207
FIGURE 1. Basic circuit for fixed output voltage applications.
10094208
FIGURE 2. Basic circuit for adjustable output voltage applications
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com