Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2670 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2670
Description  SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator with Sync
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2670 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM2670 Datasheet HTML 12Page - National Semiconductor (TI) LM2670 Datasheet HTML 13Page - National Semiconductor (TI) LM2670 Datasheet HTML 14Page - National Semiconductor (TI) LM2670 Datasheet HTML 15Page - National Semiconductor (TI) LM2670 Datasheet HTML 16Page - National Semiconductor (TI) LM2670 Datasheet HTML 17Page - National Semiconductor (TI) LM2670 Datasheet HTML 18Page - National Semiconductor (TI) LM2670 Datasheet HTML 19Page - National Semiconductor (TI) LM2670 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Inductor Selection Guides For Continuous Mode Operation (Continued)
Table 1. Inductor Manufacturer Part Numbers
Inductor
Reference
Number
Inductance
(µH)
Current
(A)
Renco
Pulse Engineering
Coilcraft
Through Hole
Surface
Mount
Through
Hole
Surface
Mount
Surface Mount
L23
33
1.35
RL-5471-7
RL1500-33
PE-53823
PE-53823S
DO3316-333
L24
22
1.65
RL-1283-22-43
RL1500-22
PE-53824
PE-53824S
DO3316-223
L25
15
2.00
RL-1283-15-43
RL1500-15
PE-53825
PE-53825S
DO3316-153
L29
100
1.41
RL-5471-4
RL-6050-100 PE-53829
PE-53829S
DO5022P-104
L30
68
1.71
RL-5471-5
RL6050-68
PE-53830
PE-53830S
DO5022P-683
L31
47
2.06
RL-5471-6
RL6050-47
PE-53831
PE-53831S
DO5022P-473
L32
33
2.46
RL-5471-7
RL6050-33
PE-53932
PE-53932S
DO5022P-333
L33
22
3.02
RL-1283-22-43
RL6050-22
PE-53933
PE-53933S
DO5022P-223
L34
15
3.65
RL-1283-15-43
—
PE-53934
PE-53934S
DO5022P-153
L38
68
2.97
RL-5472-2
—
PE-54038
PE-54038S
—
L39
47
3.57
RL-5472-3
—
PE-54039
PE-54039S
—
L40
33
4.26
RL-1283-33-43
—
PE-54040
PE-54040S
—
L41
22
5.22
RL-1283-22-43
—
PE-54041
P0841
—
L44
68
3.45
RL-5473-3
—
PE-54044
—
—
L45
10
4.47
RL-1283-10-43
—
—
P0845
DO5022P-103HC
Inductor Manufacturer Contact Numbers
Coilcraft
Phone
(800) 322-2645
FAX
(708) 639-1469
Coilcraft, Europe
Phone
+44 1236 730 595
FAX
+44 1236 730 627
Pulse Engineering
Phone
(619) 674-8100
FAX
(619) 674-8262
Pulse Engineering,
Phone
+353 93 24 107
Europe
FAX
+353 93 24 459
Renco Electronics
Phone
(800) 645-5828
FAX
(516) 586-5562
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com