Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR262 Datasheet(PDF) 4 Page - B&K Precision Corporation

Part # PR262
Description  Spectrum Analyzers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

PR262 Datasheet(HTML) 4 Page - B&K Precision Corporation

  PR262 Datasheet HTML 1Page - B&K Precision Corporation PR262 Datasheet HTML 2Page - B&K Precision Corporation PR262 Datasheet HTML 3Page - B&K Precision Corporation PR262 Datasheet HTML 4Page - B&K Precision Corporation PR262 Datasheet HTML 5Page - B&K Precision Corporation PR262 Datasheet HTML 6Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Spectrum Analyzers
2680 Series
4
www.bkprecision.com
Options
PC software
Use 3D spectrum monitoring with the PC software.
Generate test reports
Expand control of the spectrum analyzer with
front panel emulation. Create, load or save user
defined limit and correction files, save screen
captures and store readings from the included
software.
Reflection bridge
Quasi-peak detection with dwell time helps identify
non-compliant emissions.
Use the provided EMI software (available for download
at www.bkprecision.com) to configure the spectrum
analyzer, perform prescan, peak search, final scan and
generate reports of your pre-compliance tests.
Visualize return loss, reflection coefficient, and VSWR
of your DUT.
This option enables VSWR, reflection
coefficient, and return loss measurements for
tuning and determining the efficiency of
antennas, filters, or RF transmission modules.
Reflection measurement option
This option enables the instrument’s EMI
measurement function which includes
pre-defined bandwidth set points of 200 Hz,
9 kHz and 120 kHz, a -6dB EMI filter, and the
quasi-peak detector as specified by CISPR 16-1.
EMI pre-compliance option
The RF energy radiating from a device can be
detected and measured with near field probes and
the spectrum analyzer. The wide band amplifier
can be connected between the probe and the
2680 Series to increase the dynamic range of the
measurement system. The probes can also be
used to test RF immunity by inducing signal into
the circuit.
Near field probe kit
Use near field probes to help track down emissions.
Magnetic (H) and electric (E) near field probes with
40 dB pre-amplifier
Order information for instrument options
Order number
Description
EMI2680
License key, activates EMI measurements with Quasi-peak
RFL2680
License key, activates reflection measurements
RB2680
Reflection bridge with adapters
PR262
1 electric and 3 magnetic field probes with amplifier and SMA cable
Buy now, upgrade later
Install the licenses at any time or try before you buy with the 30 day trial license on each
instrument. Installation is quick and easily done within the spectrum analyzer menu. To
purchase a license key, please fill out the license request form which can be found on the
2680 Series accessory page on our website www.bkprecision.com.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com