Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR262 Datasheet(PDF) 5 Page - B&K Precision Corporation

Part # PR262
Description  Spectrum Analyzers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

PR262 Datasheet(HTML) 5 Page - B&K Precision Corporation

  PR262 Datasheet HTML 1Page - B&K Precision Corporation PR262 Datasheet HTML 2Page - B&K Precision Corporation PR262 Datasheet HTML 3Page - B&K Precision Corporation PR262 Datasheet HTML 4Page - B&K Precision Corporation PR262 Datasheet HTML 5Page - B&K Precision Corporation PR262 Datasheet HTML 6Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Spectrum Analyzers
2680 Series
5
www.bkprecision.com
Specifications
Series
2682
2683
Frequency characteristics
Frequency Range
9 kHz to 2.1 GHz
9 kHz to 3.2 GHz
Frequency Resolution
1 Hz
Frequency Span
0 Hz, 100 Hz to 2.1 or 3.2 GHz
Frequency Span Accuracy
±Span / (number of sweep points -1)
Internal reference source
Reference Frequency
10 MHz
Initial Calibration Accuracy
<1 ppm
Temperature Stability
<1 ppm/year, 0 °C to +50 °C
Frequency Aging Rate
<0.5 ppm/first year, 3.0 ppm/20 year
Frequency Reference
Accuracy
±[(time since last adjustment × frequency aging
rate) + temperature stability + calibration accuracy]
Marker
Marker Resolution
Span / (number of sweep points -1)
Marker Uncertainty
± [frequency indication x frequency reference
uncertainty + 1% x span + 10% x resolution
bandwidth + marker resolution]
Frequency Counter Resolution
1 Hz
Frequency Counter
Uncertainty
± [frequency indication x frequency
reference accuracy + counter resolution]
Bandwidths
Resolution Bandwidth (-3 dB)
1 Hz to 1 MHz, in 1-3-10 sequence
Resolution Filter Shape Factor
<4.8:1 (60 dB: 3 dB), Gaussian-like
RBW Uncertainty
<5%
Video Bandwidth (-3 dB)
1 Hz to 3 MHz, in 1-3-10 sequence
VBW Uncertainty
<5%
Amplitude and level
Measurement Range
(preamplifier off)
DANL to +10 dBm, 100 kHz to 1 MHz
DANL to +20 dBm,1 MHz to 3.2 GHz
Reference Level
-100 dBm to +30 dBm, 1 dB steps
Preamplifier
20 dB (nom.), 9 kHz to 3.2 GHz
Input Attenuation
0 to 51 dB, 1 dB steps
Maximum Input DC Voltage
±50 Vdc
Maximum Average RF Power
30 dBm, 3 minutes, fc >equal to 10 MHz,
attenuation >20 dBm, preamplifier off
Maximum Damage Level
33 dBm, fc >equal 10 MHz, attenuation >20 dBm,
preamplifier off
Specifications are valid under the following conditions: The instrument is within the calibration period, has been stored between 0 and 50°C for at least 2 hours prior to use, and has been powered
on and warmed up for at least 40 minutes. The specifications include the measurement uncertainty, unless otherwise noted.
Specifications: All products are guaranteed to meet published specifications when operating temperatures from 5 to 45°C, unless otherwise noted.
Typical: Performance deemed typical implies that 80 percent of the measurement results will meet the typical published performance with a 95th percentile confidence level at room temperature
(approximately 25°C). Typical performance is not warranted and does not include measurement uncertainty.
Nominal: The expected performance or design attribute.
Displayed average noise level (DANL)
20 °C to 30 °C ,attenuation = 0 dB, sample detector,
trace average >50
RBW=10 Hz
Normalization to 1 Hz
Preamp Off
9 kHz to 100 kHz
-100 dBm (nom.)
-100 dBm (nom.)
100 kHz to 1 MHz
-97 dBm,
-101 dBm (typ.)
-107 dBm,
-111 dBm (typ.)
1 MHz to 10 MHz
-122 dBm,
-126 dBm (typ.)
-132 dBm,
-136 dBm (typ.)
10 MHz to 200 MHz
-127 dBm,
-131 dBm (typ.)
-137 dBm,
-141 dBm (typ.)
200 MHz to 2.1 GHz
-125 dBm,
-129 dBm (typ.)
-135 dBm,
-139 dBm (typ.)
2.1 GHz to 3.2 GHz
-116 dBm,
-122 dBm (typ.)
-126 dBm,
-132 dBm (typ.)
Preamp On
9 kHz to 100 kHz
-107 dBm (nom.)
-117 dBm (nom.)
100 kHz to 1 MHz
-122 dBm,
-127 dBm (typ.)
-132 dBm,
-137 dBm (typ.)
1 MHz to 10 MHz
-138 dBm,
-144 dBm (typ.
-148 dBm,
-154 dBm (typ.)
10 MHz to 200 MHz
-146 dBm,
-151 dBm (typ.)
-156 dBm,
-161 dBm (typ.)
200 MHz to 2.1 GHz
-145 dBm,
-148 dBm (typ.)
-155 dBm,
-158 dBm (typ.)
2.1 GHz to 3.2 GHz
-135 dBm,
-139 dBm (typ.)
-145 dBm,
-149 dBm (typ.)
Phase noise
Carrier Offset
fc=1 GHz, 20 ºC ~30 ºC
10 kHz
<-95 dBc/Hz, <-98 dBc/Hz (typ.)
100 kHz
<-96 dBc/Hz, <-97 dBc/Hz (typ.)
1 MHz
<-115 dBc/Hz , <-117 dBc/Hz (typ.)
Level display
Logarithmic Level Axis
10 dB to 100 dB
Linear Level Axis
0 to reference level
Units of Level Axis
dBm, dBmV, dBµV, dBµA , V, W
Number of Display Points
751
Number of Traces
4
Trace Detectors
Positive-Peak, Negative-Peak, Sample, Normal,
Average (Voltage/RMS/Video),
Quasi-Peak (with EMI option)
Trace Functions
Clear Write, Max Hold, Min Hold, View,
Blank, Average



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com