Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR262 Datasheet(PDF) 1 Page - B&K Precision Corporation

Part # PR262
Description  Spectrum Analyzers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

PR262 Datasheet(HTML) 1 Page - B&K Precision Corporation

  PR262 Datasheet HTML 1Page - B&K Precision Corporation PR262 Datasheet HTML 2Page - B&K Precision Corporation PR262 Datasheet HTML 3Page - B&K Precision Corporation PR262 Datasheet HTML 4Page - B&K Precision Corporation PR262 Datasheet HTML 5Page - B&K Precision Corporation PR262 Datasheet HTML 6Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Sheet
Spectrum Analyzers
2680 Series
Technical data subject to change
© B&K Precision Corp. 2019
www.bkprecision.com
The 2680 Series of spectrum analyzers delivers
performance and functionality in a lightweight,
compact design, suitable for lab and field use.
The large 10.1” wide-screen color display allows
the user to visualize the waveform and make
precision measurements such as third order
intercept, occupied bandwidth, 2D and 3D
spectrum monitor.
The 2680 Series provides a standard
pre-amplifier and tracking generator in both the
2.1 and 3.1 GHz models. The series also includes
1 Hz minimum RBW and advanced measurements,
which make these analyzers perfect for
applications in 2 way radio, site surveying, EMI
pre-compliance, characterizing the frequency
response of RF devices and more.
Features & benefits
n
Frequency range: 9 kHz to 2.1 or 3.2 GHz
n
High Sensitivity -161 dBm/Hz displayed average
noise level (DANL)
n
Low phase noise of -98 dBc/Hz @ 10 kHz
offset
n
Low level uncertainty of ±0.7 dB
n
1 Hz minimum resolution bandwidth (RBW)
n
Preamplifier and tracking generator standard
on all models
n
10.1” wide-screen 1024 x 600 color display
n
LAN and USBTMC connectivity
n
USB host port to store and recall waveform
data, setups, and screen captures
Options
n
Reflection measurement
n
EMI pre-compliance
Models
2682
2683
Frequency Range
9 kHz to 2.1 GHz
9 kHz to 3.2 GHz
Tracking Generator
√
√
Preamplifier
√
√
Advanced Measurements
√
√
USB (USBTMC)
LAN
1 Hz minimum resolution bandwidth
(RBW)
Low resolution bandwidth helps differentiate between
adjacent signals
RBW
1 Hz
Advanced measurements
n
Channel Power
n
Adjacent Channel Power
n
Occupied Bandwidth
n
Total Power
n
Third-Order-Intercept
n
2D and 3D Spectrum Monitor
Standard


Similar Part No. - PR262

ManufacturerPart #DatasheetDescription
logo
Same Sky Devices
PR26 SAMESKY-PR26 Datasheet
517Kb / 6P
POWER RELAY
09/12/2024
PR26-12V-S-900 SAMESKY-PR26-12V-S-900 Datasheet
517Kb / 6P
POWER RELAY
09/12/2024
PR26-18V-S-900 SAMESKY-PR26-18V-S-900 Datasheet
517Kb / 6P
POWER RELAY
09/12/2024
PR26-24V-S-900 SAMESKY-PR26-24V-S-900 Datasheet
517Kb / 6P
POWER RELAY
09/12/2024
PR26-36V-S-900 SAMESKY-PR26-36V-S-900 Datasheet
517Kb / 6P
POWER RELAY
09/12/2024
More results

Similar Description - PR262

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLA5000 ETC-TLA5000 Datasheet
186Kb / 4P
LOGIC ANALYZERS
logo
Agilent(Hewlett-Packard...
E7400A HP-E7400A Datasheet
191Kb / 8P
EMC Analyzers
8560EC HP-8560EC Datasheet
370Kb / 12P
Spectrum Analyzers
E4443A HP-E4443A Datasheet
255Kb / 25P
Agilent PSA Series Spectrum Analyzers
logo
Keysight Technologies
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
Network Analyzers
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
Chemical analyzers
logo
Keysight Technologies
16860A KEYSIGHT-16860A Datasheet
2Mb / 22P
Portable Logic Analyzers
logo
TEKTRONIX, INC.
RSA5000 TEKTRONIX-RSA5000 Datasheet
2Mb / 54P
Spectrum Analyzers Datasheet
logo
B&K Precision Corporati...
2650A BK-2650A Datasheet
536Kb / 8P
Handheld Spectrum Analyzers
2680 BK-2680 Datasheet
3Mb / 6P
Spectrum Analyzers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com