Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9639 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9639
Description  FOLDER ACTUATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9639 Datasheet(HTML) 4 Page - STMicroelectronics

  L9639 Datasheet HTML 1Page - STMicroelectronics L9639 Datasheet HTML 2Page - STMicroelectronics L9639 Datasheet HTML 3Page - STMicroelectronics L9639 Datasheet HTML 4Page - STMicroelectronics L9639 Datasheet HTML 5Page - STMicroelectronics L9639 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
consists of two DMOS transistors connected in
series with common drain to act as a switch with
the voltage applied in both direction. A charge
pump takes the gates of the DMOS above the
supply voltage. The motor is controlled by the
control ’logic low voltage’ block that receives the
motor status for the comparator. The ’charge CEX’
block controls the TD delay.
1
2
3
ITH
ITHCC
STALL CURRENT
2.3A
FRICTION
1.2A
VTH_HIGH
VTH_LOW
Figure 1. Functional timing diagram.
LIVE
COMMON
NC
GND
OUT
OUT
NC
V+
GND
NC
GND
SHUNT
SHUNT
SHUNT
GND
RCEX
R_SHUNT
R_REF
M
C+
C_EX
R_EX
NC
NC
NC
VREF
Figure 2. Application schematic diagram.
All the necessary external components are shown in the application diagram. It is important to shunt the
motor with a device that limits the maximum over voltage to 40V. This is necessary when the power sup-
ply circuit is opened on motor power up. In this case the back E.M.F. must be clamped because there is
no other free wheel current path.
L9639
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com