Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9639 Datasheet (PDF) - STMicroelectronics

L9639 Datasheet PDF - STMicroelectronics
Part # L9639
Download  L9639 Download
File Size   45.06 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description FOLDER ACTUATOR

L9639 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9639 Datasheet PDF - STMicroelectronics

Part # L9639
Download  L9639 Click to download

File Size   45.06 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description FOLDER ACTUATOR

L9639 Datasheet (HTML) - STMicroelectronics


L9639 Product details

BIDIRECTIONAL SWITCH

MOTOR STOP CONTROLLED BY MOTOR CURRENT

START UP AND END CURRENT DETECTION THRESHOLDS PROGRAMMABLE WITH EXTERNAL RSHUNT

STOP DELAY TIME FOR START UP AND END PHASE PROGRAMMABLE WITH EXTERNAL RC

OUTPUT SHORT CIRCUIT PROTECTION

OUTPUT CURRENT LIMITING > 8A

THERMAL PROTECTION

ACTIVE DIODE BRIDGE INTERNALLY DIFFUSED

MAXIMUM VOLTAGE SUPPLY 50V

TECHNOLOGY MULTIPOWER BCD60II

 



 




Similar Part No. - L9639

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L9631 HAMAMATSU-L9631_15 Datasheet
657Kb / 4P
110 kV MICROFOCUS X-RAY SOURCE
logo
STMicroelectronics
L9634 STMICROELECTRONICS-L9634 Datasheet
997Kb / 36P
SQUIB RESISTANCE MEASUREMENT
Oct-2004
L9637 STMICROELECTRONICS-L9637 Datasheet
81Kb / 11P
ISO 9141 INTERFACE
Dec-1998
L9637 STMICROELECTRONICS-L9637 Datasheet
205Kb / 15P
Monolithic bus driver with ISO 9141 interface
20-Sep-2013
L9637D STMICROELECTRONICS-L9637D Datasheet
81Kb / 11P
ISO 9141 INTERFACE
Dec-1998
More results


Similar Description - L9639

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
LG413 KODENSHI-LG413 Datasheet
195Kb / 2P
With folder for lever installation
logo
Festo Corporation.
DGPL-25-400-PPV-A-B-KF FESTO-DGPL-25-400-PPV-A-B-KF Datasheet
97Kb / 1P
Linear actuator
DGPL-32-500-PPV-A-B-KF FESTO-DGPL-32-500-PPV-A-B-KF Datasheet
99Kb / 1P
Linear actuator
DGPL-40-400-PPV-A-B-KF FESTO-DGPL-40-400-PPV-A-B-KF Datasheet
98Kb / 1P
Linear actuator
DRVS-16-270-P-EX4 FESTO-DRVS-16-270-P-EX4 Datasheet
96Kb / 2P
Rotary actuator
DRVS-25-90-P-EX4 FESTO-DRVS-25-90-P-EX4 Datasheet
95Kb / 2P
Rotary actuator
DRVS-25-180-P-EX4 FESTO-DRVS-25-180-P-EX4 Datasheet
96Kb / 2P
Rotary actuator
DRVS-32-270-P FESTO-DRVS-32-270-P Datasheet
93Kb / 1P
Rotary actuator
DRVS-40-270-P FESTO-DRVS-40-270-P Datasheet
92Kb / 1P
Rotary actuator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com