Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9634 Datasheet (PDF) - STMicroelectronics

L9634 Datasheet PDF - STMicroelectronics
Part # L9634
Download  L9634 Download
File Size   997.5 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SQUIB RESISTANCE MEASUREMENT

L9634 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9634 Datasheet PDF - STMicroelectronics

Part # L9634
Download  L9634 Click to download

File Size   997.5 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SQUIB RESISTANCE MEASUREMENT

L9634 Datasheet (HTML) - STMicroelectronics


L9634 Product details

Description
The L9634 is an Octal Intelligent Squib Driver ASIC. It is packaged in a 44pin Thin Quad Flat Pack (TQFP) package and designed using ST's proprietary BCD4 technology. The UH30 is intended to deploy up to eight airbag squib circuits and provide diagnostics for each of the deployment drivers. Each of the eight drivers is sized to deliver up to 1.75A minimum for up to 4ms. The deployment current and time are both programmable via the SPI port PRELIMINARY DATA OCTAL INTELLIGENT SQUIB DRIVER ASIC




Similar Part No. - L9634

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L9631 HAMAMATSU-L9631_15 Datasheet
657Kb / 4P
110 kV MICROFOCUS X-RAY SOURCE
logo
STMicroelectronics
L9637 STMICROELECTRONICS-L9637 Datasheet
81Kb / 11P
ISO 9141 INTERFACE
Dec-1998
L9637 STMICROELECTRONICS-L9637 Datasheet
205Kb / 15P
Monolithic bus driver with ISO 9141 interface
20-Sep-2013
L9637D STMICROELECTRONICS-L9637D Datasheet
81Kb / 11P
ISO 9141 INTERFACE
Dec-1998
L9637D STMICROELECTRONICS-L9637D Datasheet
151Kb / 10P
ISO 9141 INTERFACE
Sep-2002
More results


Similar Description - L9634

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33797 FREESCALE-MC33797 Datasheet
639Kb / 32P
Four Channel Squib Driver IC
logo
Texas Instruments
TPIC71008-Q1 TI1-TPIC71008-Q1 Datasheet
556Kb / 10P
Eight-Channel Squib Drivers
TPIC71002-Q1 TI1-TPIC71002-Q1 Datasheet
370Kb / 8P
Dual Channel Squib Drivers
logo
List of Unclassifed Man...
392 ETC2-392 Datasheet
1Mb / 2P
Resistance measurement
logo
JST Mfg. Co., Ltd.
SQN JST-SQN Datasheet
124Kb / 3P
Squib connectors
logo
WAGO Kontakttechnik Gmb...
750-464-040-000 WAGO-750-464-040-000 Datasheet
590Kb / 12P
2/4-channel analog input; Resistance measurement; Adjustable; Extreme
750-451 WAGO-750-451 Datasheet
538Kb / 12P
8-channel analog input; Resistance measurement; Adjustable
750-461-000-007 WAGO-750-461-000-007 Datasheet
468Kb / 11P
2-channel analog input; Resistance measurement: 10 ??5000 Ohm
750-461-000-002 WAGO-750-461-000-002 Datasheet
464Kb / 11P
2-channel analog input; Resistance measurement: 10 ??1200 Ohm
750-451-025-000 WAGO-750-451-025-000 Datasheet
421Kb / 9P
8-channel analog input; Resistance measurement; Adjustable; Ext.
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com