Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9634 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9634
Description  SQUIB RESISTANCE MEASUREMENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9634 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9634 Datasheet HTML 5Page - STMicroelectronics L9634 Datasheet HTML 6Page - STMicroelectronics L9634 Datasheet HTML 7Page - STMicroelectronics L9634 Datasheet HTML 8Page - STMicroelectronics L9634 Datasheet HTML 9Page - STMicroelectronics L9634 Datasheet HTML 10Page - STMicroelectronics L9634 Datasheet HTML 11Page - STMicroelectronics L9634 Datasheet HTML 12Page - STMicroelectronics L9634 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
9/36
L9634
Notes: 1. Parameters tdis and tho is measured with no additional capacitive load beyond the normal test fixture capacitance on the MISO pin.
Additional capacitance during the disable time test erroneously extends the measured output disable time, and minimum capaci-
tance on MISO is the worst case for output hold time.
Figure 6. SPI Timing Diagram
Table 6. SPI Timing (All SPI timing is performed with a 200pF load on MISO unless otherwise noted)
Item
Symbol
Parameter
Limits
Min
Max
Unit
-
fop
Transfer Frequency
dc
5.50
MHz
1tSCK
SCLK Period
181
-
ns
2tLEAD
Enable Lead Time
65
-
ns
3tLAG
Enable Lag Time
50
-
ns
4tSCLKHS
SCLK High Time
65
-
ns
5tSCLKLS
SCLK Low Time
65
-
ns
6tSUS
MOSI Input Setup Time
20
-
ns
7tHS
MOSI Input Hold Time
20
-
ns
8tA
MISO Access Time
-
66
ns
9tDIS
MISO Disable Time (Note 1)
-
100
ns
10
tVS
MISO Output Valid Time
-
45
ns
11
tHO
MISO Output Hold Time (Note 1)
0
-
ns
12
tRO
Rise Time (Design Information)
-
30
ns
13
tFO
Fall Time (Design Information)
-
30
ns
14
tCSN
CS Negated Time
100
-
ns
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com