Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9634 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9634
Description  SQUIB RESISTANCE MEASUREMENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9634 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9634 Datasheet HTML 28Page - STMicroelectronics L9634 Datasheet HTML 29Page - STMicroelectronics L9634 Datasheet HTML 30Page - STMicroelectronics L9634 Datasheet HTML 31Page - STMicroelectronics L9634 Datasheet HTML 32Page - STMicroelectronics L9634 Datasheet HTML 33Page - STMicroelectronics L9634 Datasheet HTML 34Page - STMicroelectronics L9634 Datasheet HTML 35Page - STMicroelectronics L9634 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
33/36
L9634
4.39 Status Response
Status Response is the default response to the processor, and is defined as shown in table
Table 31. MISO Status Response Definition
Diagnostic fault indication flag indicates if a fault exists during the on-chip diagnostic. This bit reports the
fault status on channel/s enabled in the STATUS.FLT configuration register.
Diagnostic completion status flag indicates if the on-chip diagnostic is completed. This flag will be set when
all the requested channels finish the diagnostic sequence (see Figure 15). This flag does not include the
status of "short between loops" test.
ARMx status flag indicates the state of the respective ARMx signal, including the pulse stretch timer. If the
pulse stretch timer is initiated by a deployment command, it does not assert the ARMx status flag. This
flag is de/asserted as soon as the de-glitch timer is expired.
Deploy command success bit indicates if the corresponding channel has finished its deployment se-
quence. This bit is set when deployment period, 2ms or 4ms, has expired. Once this bit is set, it inhibits
the subsequent deployment command until OSD receives a SPI command to clear this deployment suc-
cess flag. Refer to Figure 9, Figure 10, Figure 11, and Figure 12 for the operation of deployment success
flag.
Bit
State
Description
D15
1
Mode Bits
D14
1
D13
0
No Diagnostic Fault
1
Diagnostic Fault Exists
D12
0
Diagnostic not Complete
1
Diagnostic Complete / Not Started
D11
0
ARM67 Negated
1ARM67 Asserted
D10
0
ARM45 Negated
1ARM45 Asserted
D9
0
ARM23 Negated
1ARM23 Asserted
D8
0
ARM01 Negated
1ARM01 Asserted
D7
0
No Deployment Event: Channel 7
1
Deploy Command Successful: Channel 7
D6
0
No Deployment Event: Channel 6
1
Deploy Command Successful: Channel 6
D5
0
No Deployment Event: Channel 5
1
Deploy Command Successful: Channel 5
D4
0
No Deployment Event: Channel 4
1
Deploy Command Successful: Channel 4
D3
0
No Deployment Event: Channel 3
1
Deploy Command Successful: Channel 3
D2
0
No Deployment Event: Channel 2
1
Deploy Command Successful: Channel 2
D1
0
No Deployment Event: Channel 1
1
Deploy Command Successful: Channel 1
D0
0
No Deployment Event: Channel 0
1
Deploy Command Successful: Channel 0
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com