Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9634 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9634
Description  SQUIB RESISTANCE MEASUREMENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9634 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9634 Datasheet HTML 23Page - STMicroelectronics L9634 Datasheet HTML 24Page - STMicroelectronics L9634 Datasheet HTML 25Page - STMicroelectronics L9634 Datasheet HTML 26Page - STMicroelectronics L9634 Datasheet HTML 27Page - STMicroelectronics L9634 Datasheet HTML 28Page - STMicroelectronics L9634 Datasheet HTML 29Page - STMicroelectronics L9634 Datasheet HTML 30Page - STMicroelectronics L9634 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
27/36
L9634
Table 22. Diagnostic Fault-bit Definition
4.31 Resistance Measurement Registers
OSD has 8 independent resistance measurement registers. The resistance measurement registers is de-
fined as shown in the table.
Table 23. ADC Resistance Measurement Register
ADC resistance measurement registers contain the measurement results of each of the OSD deployment
channels. The channel number is determined by the address bit in diagnostic command (see Address bit
definition table 13)
D6/D2
D5/D1
D4/D0
Description
0
0
0
No Fault
0
0
1
Short Between Loops
0
1
0
Short to Battery
0
1
1
Open Fault
1
0
0
Short to Ground
10
1
Low Side MOS Fault
1
1
0
High Side MOS Fault
1
1
1
Loss of Ground Fault
Bit
Description
D7
8-bit ADC Resistance Measurement Result
D6
D5
D4
D3
D2
D1
D0
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com