Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9634 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9634
Description  SQUIB RESISTANCE MEASUREMENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9634 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9634 Datasheet HTML 2Page - STMicroelectronics L9634 Datasheet HTML 3Page - STMicroelectronics L9634 Datasheet HTML 4Page - STMicroelectronics L9634 Datasheet HTML 5Page - STMicroelectronics L9634 Datasheet HTML 6Page - STMicroelectronics L9634 Datasheet HTML 7Page - STMicroelectronics L9634 Datasheet HTML 8Page - STMicroelectronics L9634 Datasheet HTML 9Page - STMicroelectronics L9634 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
L9634
6/36
OCth
Open Circuit Threshold
VDD = 5.0V
1.9
2.1
V
VI_th
MOS Test
Load Voltage Detection
100
300
mV
ISRC
Resistance Measurement
Current Source
VDD = 5.0V;
VRMEAS = 7.0V to 26.5V
38
42
mA
ISINK
Resistance Measurement
Current Sink
45
55
mA
RDSon
Total High and Low Side On
Resistance
High Side MOS + Low Side
MOS
VRES = 6.9V; I = 1.2A @95
°C
1.5
Ω
RDSon
Total High and Low Side On
Resistance
High Side MOS + Low Side
MOS
VRES = 6.9V; IVRES = 1.1A
@95
°C
1.5
Ω
RDSon
High Side MOS On Resistance
VRES = 40V; IVRES = 1.1A;
Ta = 95
°C
0.50
Ω
RDSon
Low Side MOS On Resistance
VRES = 40V; IVRES = 1.1A;
Ta = 95
°C
1.0
Ω
IDEPLOY
Deployment Current
(Channel 0, 3, 4, and 7)
MOSI: Command Mode D11=0;
RLOAD=3.75
Ω; VRES=6.9 to
40V
1.2
1.47
A
MOSI: Command Mode D11=1;
RLOAD=5.3
Ω; VRES=12V to
21V
1.75
2.14
ILIM
Low side MOS current limit
(Channel 0, 3, 4, and 7)
MOSI: Command Mode D11=1/
0; RLOAD=5.3
Ω; VSQH=18V
1.75
2.14
A
IDEPLOY
Deployment Current
(Channel 1, 2, 5, and 6)
MOSI: Command Mode D11=0;
RLOAD=3.75
Ω; VRES=6.9 to
40V
1.34
1.64
A
MOSI: Command Mode D11=1;
RLOAD=5.3
Ω; VRES=12V to
21V
1.95
2.39
ILIM
Low side MOS current limit
(Channel 1, 2, 5, and 6)
MOSI: Command Mode D11=1/
0; RLOAD=5.3
Ω; VSQH=18V
1.95
2.39
A
IBIAS
Diagnostics Bias Current
VSQH=0V; Part is configured to
run in diagnostics mode via SPI
-7
-4
IPD
VBIAS
Diagnostics Bias Voltage
ISQH = -1.5mA
2.7
3.3
V
RIREF
IREF Resistance Threshold
Open Circuit
62.5
k
Ω
Short Circuit
2.5
k
Ω
RL_RANGE
Load Resistance Range
%0000 0000 = 0.0
Ω;
%1111 1111 = 10.0
Ω
0.0
10.0
W
ADCACC
ADC Accuracy
RL = 4.0
Ω to 10.0Ω
5%
RL = 0.0
Ω to 4.0Ω
5
counts
ADCRES
ADC Resolution
8
bits
IPEAK
MOS Transient Response
Peak Current
See Figure 19 and Figure 20
2.0
IFINAL
Table 5. Electrical Characteristics (continued)
(VRES = 6.5 to 40V, VDD = 4.9 to 5.1V, VRMEAS = 7.0V to 26.5V, Tamb = -40°C to +95°C unless
otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com